Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ10A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMCJ10A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMCJ10A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMCJ10A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMCJ10A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMCJ10A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMCJ10A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMCJ5.0 thru SMCJ170CA
Document Number: SMCJ5.0 thru SMCJ170CA
www.smsemi.com
Feb.29,2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Part
Number
Breakdown
Voltage
VBR @ IBR
Reverse
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
SMCJ5.0
SMCJ5.0A
SMCJ6.0
SMCJ6.0A
6.40
6.40
6.67
6.67
7.30
7.00
8.15
7.37
10
10
10
10
5.0
5.0
6.0
6.0
1000
1000
1000
1000
156.2
163.0
131.6
145.6
9.6
9.2
11.4
10.3
SMCJ6.5
SMCJ6.5A
SMCJ7.0
SMCJ7.0A
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
10
10
10
10
6.5
6.5
7.0
7.0
500
500
200
200
122.0
133.9
112.8
125.0
12.3
11.2
13.3
12.0
SMCJ7.5
SMCJ7.5A
SMCJ8.0
SMCJ8.0A
8.33
8.33
8.89
8.89
10.2
9.21
10.9
9.83
1
1
1
1
7.5
7.5
8.0
8.0
100
100
50
50
104.9
116.3
100.0
110.3
14.3
12.9
15.0
13.6
SMCJ8.5
SMCJ8.5A
SMCJ9.0
SMCJ9.0A
9.44
9.44
10.0
10.0
11.5
10.4
12.2
11.1
1
1
1
1
8.5
8.5
9.0
9.0
20
20
10
10
94.3
104.2
88.7
97.4
15.9
14.4
16.9
15.4
SMCJ10
SMCJ10A
SMCJ11
SMCJ11A
11.1
11.1
12.2
12.2
13.6
12.3
14.9
13.5
1
1
1
1
10.0
10.0
11.0
11.0
5
5
5
5
79.8
88.2
74.6
82.4
18.8
17.0
20.1
18.2
SMCJ12
SMCJ12A
SMCJ13
SMCJ13A
13.3
13.3
14.4
14.4
16.3
14.7
17.6
15.9
1
1
1
1
12.0
12.0
13.0
13.0
5
5
1
1
68.2
75.3
63.0
69.7
22.0
19.9
23.8
21.5
SMCJ14
SMCJ14A
SMCJ15
SMCJ15A
15.6
15.6
16.7
16.7
19.1
17.2
20.4
18.5
1
1
1
1
14.0
14.0
15.0
15.0
1
1
1
1
58.1
64.7
55.8
61.5
25.8
23.2
26.9
24.4
SMCJ16
SMCJ16A
SMCJ17
SMCJ17A
17.8
17.8
18.9
18.9
21.8
19.7
23.1
20.9
1
1
1
1
16.0
16.0
17.0
17.0
1
1
1
1
52.1
57.7
49.2
53.3
28.8
26.0
30.5
27.6
SMCJ18
SMCJ18A
SMCJ20
SMCJ20A
20.0
20.0
22.2
22.2
24.4
22.1
27.1
24.5
1
1
1
1
18.0
18.0
20.0
20.0
1
1
1
1
46.6
51.4
41.9
46.3
32.2
29.2
35.8
32.4
SMCJ22
SMCJ22A
SMCJ24
SMCJ24A
24.4
24.4
26.7
26.7
29.8
26.9
32.6
29.5
1
1
1
1
22.0
22.0
24.0
24.0
1
1
1
1
38.1
42.2
34.9
38.6
39.4
35.5
43.0
38.9
SMCJ26
SMCJ26A
SMCJ28
SMCJ28A
28.9
28.9
31.1
31.1
35.3
31.9
38.0
34.4
1
1
1
1
26.0
26.0
28.0
28.0
1
1
1
1
32.2
35.6
30.0
33.0
46.6
42.1
50.0
45.4
SMCJ30
SMCJ30A
SMCJ33
SMCJ33A
33.3
33.3
36.7
36.7
40.7
36.8
44.9
40.6
1
1
1
1
30.0
30.0
33.0
33.0
1
1
1
1
28.0
31.0
25.2
28.1
53.5
48.4
59.0
53.3
SMCJ36
SMCJ36A
SMCJ40
SMCJ40A
40.0
40.0
44.4
44.4
48.9
44.2
54.3
49.1
1
1
1
1
36.0
36.0
40.0
40.0
1
1
1
1
23.3
25.8
21.0
23.2
64.3
58.1
71.4
64.5
打印无效


Similar Part No. - SMCJ10A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ10A TSC-SMCJ10A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Microdiode Electronics ...
SMCJ10A CHENDA-SMCJ10A Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
Dc Components
SMCJ10A DCCOM-SMCJ10A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ10A VISHAY-SMCJ10A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Formosa MS
SMCJ10A FORMOSA-SMCJ10A Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ10A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com