Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5935 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMBJ5935
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ5935 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMBJ5935 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ5935 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ5935 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMBJ5913 thru SMBJ5936
Document Number: SMBJ5913 thru SMBJ5936
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
No suffix indicates a ±20% tolerance on nominal VZ. Suffix A denotes a ±10% tolerance, B denotes a ±5% tolerance, C
denotes a ±2% tolerance, and D denotes a ±10% tolerance.
2.
Zener voltage (VZ) is measured at TL=30°C and 20seconds after application of dc current.
3.
The Zener impedance is derived from the 1HZ ac voltage resulting from an ac current modulation having an rms value equal to
10% of the dc zener current (IZT or IZK) superimposed on IZT or IZK.
4.
The maximum dc current (IZM) is based only on the maximum power of 2.0watts at TL≤80°C. These values must be reduced
by 37.5% (1.25W) when mounted on PC boards ad described in Maximum Ratings.
Microsemi
Part
Number
Zener
Voltage
VZ@IZT
Test
Current
Dynamic
Impedance
Knee
Impedance
Knee
Current
Reverse Current
IR @ VR
MAX.
DC current
VZ
(V)
IZT
(mA)
ZZT
(OHMS)
ZZK
(OHMS)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
(mA)
SMBJ5913
SMBJ5914
SMBJ5915
SMBJ5916
3.3
3.6
3.9
4.3
113.6
104.2
96.1
87.2
10.0
9.0
7.5
6.0
500
500
500
500
1.00
1.00
1.00
1.00
100
75
25
5.0
1.0
1.0
1.0
1.0
606
554
512
464
SMBJ5917
SMBJ5918
SMBJ5919
SMBJ5920
4.7
5.1
5.6
6.2
79.8
73.5
66.9
60.5
5.0
4.0
2.0
2.0
500
350
250
200
1.00
1.00
1.00
1.00
5.0
5.0
5.0
5.0
1.5
2.0
3.0
4.0
425
392
356
321
SMBJ5921
SMBJ5922
SMBJ5923
SMBJ5924
6.8
7.5
8.2
9.1
55.1
50.0
45.7
41.2
2.5
3.0
3.5
4.0
200
400
400
500
1.00
0.50
0.50
0.50
5.0
5.0
5.0
5.0
5.2
6.0
6.5
7.0
293
266
242
218
SMBJ5925
SMBJ5926
SMBJ5927
SMBJ5928
10.0
11.0
12.0
13.0
37.5
34.1
31.2
28.8
4.5
5.5
6.5
7.0
500
550
550
550
0.25
0.25
0.25
0.25
5.0
1.0
1.0
1.0
8.0
8.4
9.1
9.9
200
181
166
153
SMBJ5929
SMBJ5930
SMBJ5931
SMBJ5932
15.0
16.0
18.0
20.0
25.0
23.4
20.8
18.7
9.0
10.0
12.0
14.0
600
600
650
650
0.25
0.25
0.25
0.25
1.0
1.0
1.0
1.0
11.4
12.2
13.7
15.2
133
122
110
100
SMBJ5933
SMBJ5934
SMBJ5935
SMBJ5936
22.0
24.0
27.0
30.0
17.0
15.6
13.9
12.5
17.5
19.0
23.0
28.0
650
700
700
750
0.25
0.25
0.25
0.25
1.0
1.0
1.0
1.0
16.7
18.2
20.6
22.8
90
82
73
66
打印无效


Similar Part No. - SMBJ5935

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5935 JGD-SMBJ5935 Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5935 MCC-SMBJ5935 Datasheet
353Kb / 2P
   Silicon Zener Diode 3.0 Watt
logo
Microsemi Corporation
SMBJ5935 MICROSEMI-SMBJ5935 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
Formosa MS
SMBJ5935 FORMOSA-SMBJ5935 Datasheet
526Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
SMBJ5935A JGD-SMBJ5935A Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
More results

Similar Description - SMBJ5935

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com