Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7533 Datasheet(PDF) 4 Page - Intersil Corporation

Part # AD7533
Description  8-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7533 Datasheet(HTML) 4 Page - Intersil Corporation

  AD7533 Datasheet HTML 1Page - Intersil Corporation AD7533 Datasheet HTML 2Page - Intersil Corporation AD7533 Datasheet HTML 3Page - Intersil Corporation AD7533 Datasheet HTML 4Page - Intersil Corporation AD7533 Datasheet HTML 5Page - Intersil Corporation AD7533 Datasheet HTML 6Page - Intersil Corporation AD7533 Datasheet HTML 7Page - Intersil Corporation AD7533 Datasheet HTML 8Page - Intersil Corporation AD7533 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10-11
Detailed Description
The AD7523 and AD7533 are monolithic multiplying D/A
converters. A highly stable thin film R-2R resistor ladder
network and NMOS SPDT switches form the basis of the
converter circuit, CMOS level shifters permit low power
TTL/CMOS compatible operation. An external voltage or
current reference and an operational amplifier are all that is
required for most voltage output applications.
A simplified equivalent circuit of the DAC is shown in the
Functional Diagram. The NMOS SPDT switches steer the
ladder leg currents between IOUT1 and IOUT2 buses which
must be held at ground potential. This configuration main-
tains a constant current in each ladder leg independent of
the input code.
Converter errors are further reduced by using separate
metal interconnections between the major bits and the out-
puts. Use of high threshold switches reduce offset (leakage)
errors to a negligible level.
The level shifter circuits are comprised of three inverters with
positive feedback from the output of the second to the first,
see Figure 1. This configuration results in TTL/CMOS
compatible operation over the full military temperature
range. With the ladder SPDT switches driven by the level
shifter, each switch is binarily weighted for an ON resistance
proportional to the respective ladder leg current. This
assures a constant voltage drop across each switch,
creating equipotential terminations for the 2R ladder
resistors and high accurate leg currents.
Typical Applications
Unipolar Binary Operation - AD7523 (8-Bit DAC)
The circuit configuration for operating the AD7523 in
unipolar mode is shown in Figure 2. With positive and
negative VREF values the circuit is capable of 2-Quadrant
multiplication. The “Digital Input Code/Analog Output Value”
table for unipolar mode is given in Table 1.
NOTES:
1. R1 and R2 used only if gain adjustment is required.
2. CF1 protects AD7523 and AD7533 against negative transients.
FIGURE 2. UNIPOLAR BINARY OPERATION
Zero Offset Adjustment
1. Connect all digital inputs to GND.
2. Adjust the offset zero adjust trimpot of the output
operational amplifier for 0V
±1mV (Max) at VOUT.
Gain Adjustment
1. Connect all digital inputs to V+.
2. Monitor VOUT for a -VREF (1
1/
2
8) reading.
3. To increase VOUT, connect a series resistor, R2, (0Ω to
250
Ω) in the IOUT1 amplifier feedback loop.
4. To decrease VOUT, connect a series resistor, R1, (0Ω to
250
Ω) between the reference voltage and the VREF
terminal.
V+
TTL/
CMOS INPUT
13
4
5
6
7
2
89
TO LADDER
IOUT2 IOUT1
FIGURE 1. CMOS SWITCH
TABLE 1. UNlPOLAR BINARY CODE - AD7523
DIGITAL INPUT
MSB
LSB
ANALOG OUTPUT
11111111
10000001
10000000
01111111
00000001
00000000
NOTE:
1.
.
15
16
1
4
11
3
2
AD7523/
MSB
LSB
14
+15V
VREF
GND
OUT1
OUT2
6
VOUT
-
+
RFEEDBACK
DATA
INPUTS
AD7533
±10V
R2
CR1
V
REF
255
256
----------


V
REF
129
256
----------


V
REF
128
256
----------


V
REF
2
-----------------
=
V
REF
127
256
----------


V
REF
1
256
----------


V
REF
0
256
----------


0
=
1 LSB
2
8
() V
REF
()
1
256
----------

 V
REF
()
==
AD7523, AD7533


Similar Part No. - AD7533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
AD7533 INTERSIL-AD7533 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
More results

Similar Description - AD7533

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com