Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7541 Datasheet(PDF) 6 Page - Intersil Corporation

Part # AD7541
Description  12-Bit, Multiplying D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7541 Datasheet(HTML) 6 Page - Intersil Corporation

  AD7541 Datasheet HTML 1Page - Intersil Corporation AD7541 Datasheet HTML 2Page - Intersil Corporation AD7541 Datasheet HTML 3Page - Intersil Corporation AD7541 Datasheet HTML 4Page - Intersil Corporation AD7541 Datasheet HTML 5Page - Intersil Corporation AD7541 Datasheet HTML 6Page - Intersil Corporation AD7541 Datasheet HTML 7Page - Intersil Corporation AD7541 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10-14
Test Circuits
FIGURE 4. NONLINEARITY TEST CIRCUIT
FIGURE 5. POWER SUPPLY REJECTION TEST CIRCUIT
FIGURE 6. NOISE TEST CIRCUIT
HA2600
CLOCK
14-BIT
REFERENCE
DAC
-
+
HA2600
-
+
12-BIT
BINARY
COUNTER
AD7541
AD7541
17
16
18
1
2
3
15
5
4
LINEARITY
ERROR X 100
10K 0.01%
10K
0.01%
IOUT1
IOUT2
RFEEDBACK
1M
+15V
VREF
BIT 1 (MSB)
BIT 12
(LSB)
VREF
GND
BIT 1
(MSB)
BIT 12
BIT 13
BIT 14
HA2600
+
-
AD7541
17
16
18
1
2
3
15
5
4
VREF
+10V
BIT 1 (MSB)
BIT 12
(LSB)
GND
RFEEDBACK
IOUT1
IOUT2
+15V
UNGROUNDED
SINE WAVE
GENERATION
40Hz 1.0VP-P
5K 0.01%
5K 0.01%
500K
VERROR X 100
HA2600
+
-
101ALN
QUAN
TECH
MODEL
134D
WAVE
ANALYZER
AD7541
17
16
2
1
3
15
5
4
+11V (ADJUST FOR VOUT = 0V)
+15V
15
µF
IOUT2
IOUT1
100
10K
VOUT
1K
50K
0.1
µF
-50V
F = 1KHz
BW = 1Hz
1K
+
-
AD7541


Similar Part No. - AD7541

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results

Similar Description - AD7541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
National Semiconductor ...
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com