Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7541 Datasheet(PDF) 1 Page - Intersil Corporation

Part # AD7541
Description  12-Bit, Multiplying D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7541 Datasheet(HTML) 1 Page - Intersil Corporation

  AD7541 Datasheet HTML 1Page - Intersil Corporation AD7541 Datasheet HTML 2Page - Intersil Corporation AD7541 Datasheet HTML 3Page - Intersil Corporation AD7541 Datasheet HTML 4Page - Intersil Corporation AD7541 Datasheet HTML 5Page - Intersil Corporation AD7541 Datasheet HTML 6Page - Intersil Corporation AD7541 Datasheet HTML 7Page - Intersil Corporation AD7541 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10-9
August 1997
AD7541
12-Bit, Multiplying D/A Converter
File Number
3107.1
Features
• 12-Bit Linearity 0.01%
• Pretrimmed Gain
• Low Gain and Linearity Tempcos
• Full Temperature Range Operation
• Full Input Static Protection
• TTL/CMOS Compatible
• +5V to +15V Supply Range
• 20mW Low Power Dissipation
• Current Settling Time 1
µs to 0.01% of FSR
• Four Quadrant Multiplication
Description
The AD7541 is a monolithic, low cost, high performance,
12-bit
accurate,
multiplying
digital-to-analog
converter
(DAC).
Intersil’ wafer level laser-trimmed thin-film resistors on
CMOS circuitry provide true 12-bit linearity with TTL/CMOS
compatible operation.
Special tabbed-resistor geometries (improving time stability),
full input protection from damage due to static discharge by
diode clamps to V+ and ground, large IOUT1 and IOUT2 bus
lines (improving superposition errors) are some of the fea-
tures offered by Intersil AD7541.
Pin compatible with AD7521, this DAC provides accurate
four quadrant multiplication over the full military temperature
range.
Ordering Information
PART NUMBER
NONLINEARITY
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
AD7541JN
0.02% (11-Bit)
0 to 70
18 Ld PDIP
E18.3
AD7541KN
0.01% (12-Bit)
0 to 70
18 Ld PDIP
E18.3
AD7541LN
0.01% (12-Bit) Guaranteed
Monotonic
0 to 70
18 Ld PDIP
E18.3
Pinout
AD7541
(PDIP)
TOP VIEW
Functional Block Diagram
NOTE: Switches shown for digital inputs “High”.
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
RFEEDBACK
V+
BIT 12 (LSB)
BIT 11
BIT 10
BIT 9
BIT 8
VREF IN
BIT 7
IOUT1
IOUT2
GND
BIT 1 (MSB)
BIT 2
BIT 3
BIT 5
BIT 4
BIT 6
MSB
(4)
20k
(3)
BIT 3
BIT 2
VREF IN
20k
20k
20k
20k
20k
10k
10k
10k
10k
SPDT
NMOS
10k
IOUT2 (2)
IOUT1 (1)
RFEEDBACK
(17)
SWITCHES
(18)
(5)
(6)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - AD7541

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results

Similar Description - AD7541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
National Semiconductor ...
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com