Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA801TC Datasheet(PDF) 4 Page - NEC

Part # UPA801TC
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA801TC Datasheet(HTML) 4 Page - NEC

  UPA801TC Datasheet HTML 1Page - NEC UPA801TC Datasheet HTML 2Page - NEC UPA801TC Datasheet HTML 3Page - NEC UPA801TC Datasheet HTML 4Page - NEC UPA801TC Datasheet HTML 5Page - NEC UPA801TC Datasheet HTML 6Page - NEC UPA801TC Datasheet HTML 7Page - NEC UPA801TC Datasheet HTML 8Page - NEC UPA801TC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPA801TC
4
Data Sheet P14548EJ1V1DS00
Frequency f (GHz)
Collector Current IC (mA)
NOISE FIGURE vs. COLLECTOR CURRENT
Collector to Base Voltage VCB (V)
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
INSERTION POWER GAIN vs. FREQUENCY
VCE = 3 V
IC = 7 mA
0
5
10
15
25
20
0.1
1.0
10.0
0.00
1.00
2.00
3.00
4.00
5.00
6.00
1
10
100
VCE = 3 V
f = 1 GHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1
10
100
f = 1 MHz


Similar Part No. - UPA801TC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA801T CEL-UPA801T Datasheet
177Kb / 8P
   NPN SILICON HIGH FREQUENCY
logo
Renesas Technology Corp
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T Datasheet
19Kb / 2P
   NONLINEAR MODEL
logo
Inchange Semiconductor ...
UPA801T ISC-UPA801T Datasheet
197Kb / 2P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
UPA801T-T1 RENESAS-UPA801T-T1 Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - UPA801TC

ManufacturerPart #DatasheetDescription
logo
NEC
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA821TC NEC-UPA821TC Datasheet
64Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA826TC NEC-UPA826TC Datasheet
66Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com