Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7533JN Datasheet(PDF) 6 Page - Intersil Corporation

Part # AD7533JN
Description  8-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7533JN Datasheet(HTML) 6 Page - Intersil Corporation

  AD7533JN Datasheet HTML 1Page - Intersil Corporation AD7533JN Datasheet HTML 2Page - Intersil Corporation AD7533JN Datasheet HTML 3Page - Intersil Corporation AD7533JN Datasheet HTML 4Page - Intersil Corporation AD7533JN Datasheet HTML 5Page - Intersil Corporation AD7533JN Datasheet HTML 6Page - Intersil Corporation AD7533JN Datasheet HTML 7Page - Intersil Corporation AD7533JN Datasheet HTML 8Page - Intersil Corporation AD7533JN Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
10-13
Offset Adjustment
1. Adjust VREF to approximately +10V.
2. Connect all digital inputs to “Logic 1”.
3. Adjust IOUT2 amplifier offset adjust trimpot for 0V ±1mV at
IOUT2 amplifier output.
4. Connect MSB (Bit 1) to “Logic 1” and all other bits to
“Logic 0”.
5. Adjust IOUT1 amplifier offset adjust trimpot for 0V ±1mV
at VOUT.
Gain Adjustment
1. Connect all digital inputs to V+.
2. Monitor VOUT for a -VREF (1
1/
2
8) volts reading.
3. To increase VOUT, connect a series resistor, R2, of up to
250
Ω between VOUT and RFEEDBACK.
4. To decrease VOUT, connect a series resistor, R1, of up to
250
Ω between the reference voltage and the VREF
terminal.
Bipolar (Offset Binary) Operation - AD7533
The circuit configuration for operating the AD7533 in the
bipolar mode is given in Figure 3. Using offset binary digital
input codes and positive and negative reference voltage val-
ues, 4-Quadrant multiplication can be realized. The “Digital
Input Code/Analog Output Value” table for bipolar mode is
given in Table 4.
A “Logic 1” input at any digital input forces the corresponding
ladder switch to steer the bit current to IOUT1 bus. A “Logic 0”
input forces the bit current to IOUT2 bus. For any code the
IOUT1 and IOUT2 bus currents are complements of one
another. The current amplifier at IOUT2 changes the polarity of
IOUT2 current and the transconductance amplifier at IOUT1
output sums the two currents. This configuration doubles the
output range. The difference current resulting at zero offset
binary code, (MSB = “Logic 1”, all other bits = “Logic 0”), is cor-
rected by using an external resistor, (10M
Ω), from VREF to
IOUT2.
TABLE 4. UNlPOLAR BINARY CODE - AD7533
DIGITAL INPUT
MSB
LSB
(NOTE 1)
NOMINAL ANALOG OUTPUT
1111111111
1000000001
1000000000
0
0111111111
0000000001
0000000000
NOTES:
1. VOUT as shown in the Functional Diagram.
2. Nominal Full Scale for the circuit of Figure 6 is given by:
.
3. Nominal LSB magnitude for the circuit of Figure 3 is given by:
.
-V
REF
511
512
----------


-V
REF
1
512
----------


+V
REF
1
512
----------


+V
REF
511
512
----------


+V
REF
512
512
----------


FSR
V
REF
1023
512
-------------


=
LSB
V
REF
1
512
----------


=
FIGURE 4. 10-BIT AND SIGN MULTIPLYING DAC
OUT2
6
-
+
RFEEDBACK
6
-
+
OUT1
15
16
1
4
13
3
2
AD7533
MSB
LSB
14
V+
VREF
MAGNITUDE
BITS
±10V
VOUT
10K
GND
SIGN BIT
DIGITAL
INPUT
BIPOLAR
ANALOG INPUT
10K
1/
2 IH5140
5K
AD7523, AD7533


Similar Part No. - AD7533JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7533JN AD-AD7533JN Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533JN AD-AD7533JN Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Intersil Corporation
AD7533JN INTERSIL-AD7533JN Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
AD7533JN INTERSIL-AD7533JN Datasheet
6Mb / 180P
   Data Acquisition
logo
Analog Devices
AD7533JN AD-AD7533JN Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
More results

Similar Description - AD7533JN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com