Electronic Components Datasheet Search |
|
AD7545JN Datasheet(PDF) 3 Page - Intersil Corporation |
|
AD7545JN Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 7 page 10-12 REFERENCE INPUT Input Resistance (Pin 19 to GND) Input Resistance TC = -300ppm/oC (Typ) 7- -7- - k Ω Typical Input Resistance = 11k Ω - - 25 - - 25 k Ω DIGITAL INPUTS Input High Voltage, VIH 2.4 - - - - 13.5 V Input Low Voltage, VIL - - 0.8 - - 1.5 V Input Current, IIN VIN = 0 or VDD (Note 7) ±1- ±10 ±1- ±10 µA (Max) Input Capacitance DB0 - DB11 VIN = 0 (Note 4) - - 7 - - 7 pF WR, CS VIN = 0 (Note 4) - - 20 - - 20 pF SWITCHING CHARACTERISTICS (Note 4) Chip Select to Write Setup Time, tCS See Figure 1 380 200 - 200 120 - ns Chip Select to Write Hold Time, tCH See Figure 1 0 - - 0 - - ns Write Pulse Width, tWR tCS ≥ tWR, tCH ≥ 0, See Figure 1 400 175 - 240 100 ns Data Setup Time, tDS See Figure 1 210 100 - 120 60 - ns Data Hold Time, tDH See Figure 1 10 - - 10 - - ns POWER SUPPLY CHARACTERISTICS IDD All Digital Inputs VIL or VIH - -2- -2 mA All Digital Inputs 0V or VDD - 100 500 - 100 500 µA All Digital Inputs 0V or VDD -10- -10- µA NOTES: 2. Temperature Ranges as follows: J, K versions: 0oC to 70oC A, B versions: -20oC to 85oC S version: -55oC to 125oC TA = 25 oC for TYP Specifications. MIN and MAX are measured over the specified operating range. 3. This includes the effect of 5ppm maximum gain TC. 4. Parameter not tested. Parameter guaranteed by design, simulation, or characterization. 5. DB0 - DB11 = 0V to VDD or VDD to 0V in plastic and sidebraze package. 6. Feedthrough can be further reduced by connecting the metal lid on the ceramic package to DGND. 7. Logic inputs are MOS gates. Typical input current (25oC) is less than 1nA. 8. Typical values are not guaranteed but reflect mean performance specification. Specifications subject to change without notice. Electrical Specifications TA = See Note 2, VREF = +10V, VOUT1 = 0V, AGND = DGND, Unless Otherwise Specified (Continued) PARAMETER TEST CONDITIONS VDD = +5V VDD = +15V UNITS MIN TYP MAX MIN TYP MAX Timing Diagrams FIGURE 1A. TYPICAL WRITE CYCLE FIGURE 1B. PREFERRED WRITE CYCLE FIGURE 1. WRITE CYCLE TIMING DIAGRAM DATA VALID CHIP SELECT WRITE DATA IN (DB0 - DB11) VDD 0 VDD VDD 0 0 tCS tWR tDS tDH tCH DATA VALID CHIP SELECT WRITE DATA IN (DB0 - DB11) VDD 0 VDD VDD 0 0 tCS tWR tDS tDH tCH AD7545 |
Similar Part No. - AD7545JN |
|
Similar Description - AD7545JN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |