Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7520KD Datasheet(PDF) 1 Page - Intersil Corporation

Part # AD7520KD
Description  10-Bit, 12-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7520KD Datasheet(HTML) 1 Page - Intersil Corporation

  AD7520KD Datasheet HTML 1Page - Intersil Corporation AD7520KD Datasheet HTML 2Page - Intersil Corporation AD7520KD Datasheet HTML 3Page - Intersil Corporation AD7520KD Datasheet HTML 4Page - Intersil Corporation AD7520KD Datasheet HTML 5Page - Intersil Corporation AD7520KD Datasheet HTML 6Page - Intersil Corporation AD7520KD Datasheet HTML 7Page - Intersil Corporation AD7520KD Datasheet HTML 8Page - Intersil Corporation AD7520KD Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
10-7
Features
• AD7520/AD7530, 10-Bit Resolution; 8-Bit, 9-Bit and
10-Bit Linearity
• AD7521/AD7531, 12-Bit Resolution; 8-Bit, 9-Bit and
10-Bit Linearity
• Low Power Dissipation (Max) . . . . . . . . . . . . . . . .20mW
• Low Nonlinearity Tempco at 2ppm of FSR/oC
• Current Settling Time to 0.05% of FSR . . . . . . . . 1.0
µs
• Supply Voltage Range . . . . . . . . . . . . . . . .
±5V to +15V
• TTL/CMOS Compatible
• Full Input Static Protection
• /883B Processed Versions Available
Description
The AD7520/AD7530 and AD7521/AD7531 are monolithic,
high accuracy, low cost 10-bit and 12-bit resolution,
multiplying
digital-to-analog
converters
(DAC).
Intersil’
thin-film on CMOS processing gives up to 10-bit accuracy
with TTL/CMOS compatible operation. Digital inputs are fully
protected against static discharge by diodes to ground and
positive supply.
Typical
applications
include
digital/analog
interfacing,
multiplication and division, programmable power supplies,
CRT character generation, digitally controlled gain circuits,
integrators and attenuators, etc.
The AD7530 and AD7531 are identical to the AD7520 and
AD7521, respectively, with the exception of output leakage
current and feedthrough specifications.
Ordering Information
Pinouts
PART NUMBER
LINEARITY (INL, DNL)
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
AD7520JN, AD7530JN
0.2% (8-Bit)
0 to 70
16 Ld PDIP
E16.3
AD7520KN, AD7530KN
0.1% (9-Bit)
0 to 70
16 Ld PDIP
E16.3
AD7521JN, AD7531JN
0.2% (8-Bit)
0 to 70
18 Ld PDIP
E18.3
AD7521KN, AD7531KN
0.1% (9-Bit)
0 to 70
18 Ld PDIP
E18.3
AD7520LN, AD7530LN
0.05% (10-Bit)
-40 to 85
16 Ld PDIP
E16.3
AD7521LN, AD7531LN
0.05% (10-Bit)
-40 to 85
18 Ld PDIP
E18.3
AD7520JD
0.2% (8-Bit)
-25 to 85
16 Ld CERDIP
F16.3
AD7520KD
0.1% (9-Bit)
-25 to 85
16 Ld CERDIP
F16.3
AD7520LD
0.05% (10-Bit)
-25 to 85
16 Ld CERDIP
F16.3
AD7520SD, AD7520SD/883B
0.2% (8-Bit)
-55 to 125
16 Ld CERDIP
F16.3
AD7520UD, AD7520UD/883B
0.05% (10-Bit)
-55 to 125
16 Ld CERDIP
F16.3
AD7520, AD7530
(CERDIP, PDIP)
TOP VIEW
AD7521, AD7531
(PDIP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IOUT1
IOUT2
GND
BIT 1 (MSB)
BIT 2
BIT 3
BIT 5
BIT 4
RFEEDBACK
V+
BIT 10 (LSB)
BIT 9
BIT 8
BIT 7
BIT 6
VREF
IOUT1
IOUT2
GND
BIT 1 (MSB)
BIT 2
BIT 3
BIT 5
BIT 4
RFEEDBACK
V+
BIT 11
BIT 9
BIT 8
BIT 7
VREF
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
BIT 12 (LSB)
BIT 10
BIT 6
August 1997
AD7520, AD7530,
AD7521, AD7531
10-Bit, 12-Bit, Multiplying D/A Converters
File Number
3104.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - AD7520KD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7520KD AD-AD7520KD Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7520KD INTERSIL-AD7520KD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - AD7520KD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com