Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7520LD Datasheet(PDF) 6 Page - Intersil Corporation

Part # AD7520LD
Description  10-Bit, 12-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7520LD Datasheet(HTML) 6 Page - Intersil Corporation

  AD7520LD Datasheet HTML 1Page - Intersil Corporation AD7520LD Datasheet HTML 2Page - Intersil Corporation AD7520LD Datasheet HTML 3Page - Intersil Corporation AD7520LD Datasheet HTML 4Page - Intersil Corporation AD7520LD Datasheet HTML 5Page - Intersil Corporation AD7520LD Datasheet HTML 6Page - Intersil Corporation AD7520LD Datasheet HTML 7Page - Intersil Corporation AD7520LD Datasheet HTML 8Page - Intersil Corporation AD7520LD Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
10-12
Applications
Unipolar Binary Operation
The circuit configuration for operating the AD7520 in unipo-
lar mode is shown in Figure 8. Similar circuits can be used
for AD7521, AD7530 and AD7531. With positive and nega-
tive VREF values the circuit is capable of 2-Quadrant multipli-
cation. The “Digital Input Code/Analog Output Value” table
for unipolar mode is given in Table 1.
Zero Offset Adjustment
1. Connect all digital inputs to GND.
2. Adjust the offset zero adjust trimpot of the output
operational amplifier for 0V at VOUT.
Gain Adjustment
1. Connect all digital inputs to V+.
2. Monitor VOUT for a -VREF (1-2
-N) reading. (N = 10 for
AD7520/30 and N = 12 for AD7521/31).
3. To decrease VOUT, connect a series resistor (0 to 250Ω)
between the reference voltage and the VREF terminal.
4. To increase VOUT, connect a series resistor (0 to 250Ω) in
the IOUT1 amplifier feedback loop.
Bipolar (Offset Binary) Operation
The circuit configuration for operating the AD7520 in the
bipolar mode is given in Figure 9. Similar circuits can be
used for AD7521, AD7530 and AD7531. Using offset binary
digital input codes and positive and negative reference volt-
age values, 4-Quadrant multiplication can be realized. The
“Digital Input Code/Analog Output Value” table for bipolar
mode is given in Table 2.
A “Logic 1” input at any digital input forces the corresponding
ladder switch to steer the bit current to IOUT1 bus. A “Logic 0”
input forces the bit current to IOUT2 bus. For any code the
IOUT1 and IOUT2 bus currents are complements of one
another. The current amplifier at IOUT2 changes the polarity of
IOUT2 current and the transconductance amplifier at IOUT1 out-
put sums the two currents. This configuration doubles the out-
put range. The difference current resulting at zero offset binary
code, (MSB = “Logic 1”, All other bits = “Logic 0”), is corrected
by using an external resistor, (10M
Ω), from VREF to IOUT2.
Offset Adjustment
1. Adjust VREF to approximately +10V.
2. Connect all digital inputs to “Logic 1”.
3. Adjust IOUT2 amplifier offset adjust trimpot for 0V ±1mV at
IOUT2 amplifier output.
4. Connect MSB (Bit 1) to “Logic 1” and all other bits to “Logic 0”.
5. Adjust IOUT1 amplifier offset adjust trimpot for 0V ±1mV at
VOUT.
Gain Adjustment
1. Connect all digital inputs to V+.
2. Monitor VOUT for a -VREF (1-2-
(N-1) volts reading. (N = 10 for
AD7520 and AD7530, and N = 12 for AD7521 and AD7531).
3. To increase VOUT, connect a series resistor of up to 250Ω
between VOUT and RFEEDBACK.
4. To decrease VOUT, connect a series resister of up to 250Ω
between the reference voltage and the VREF terminal.
TABLE 1. CODE TABLE - UNlPOLAR BINARY OPERATION
DIGITAL INPUT
ANALOG OUTPUT
1111111111
-VREF (1-2
-N)
1000000001
-VREF (
1/
2 + 2
-N)
1000000000
-VREF/2
0111111111
-VREF (
1/
2-2
-N)
0000000001
-VREF (2
-N)
0000000000
0
NOTES:
1. LSB = 2-N VREF.
2. N = 10 for 7520, 7530;
N = 12 for 7521, 7531.
15
16
1
5
4
13 3
2
AD7520
BIT 1 (MSB)
BIT 10 (LSB)
14
+15V
VREF
GND
IOUT1
IOUT2
6
VOUT
-
+
RFEEDBACK
DIGITAL
INPUT
FIGURE 8. UNIPOLAR BINARY OPERATION (2-QUADRANT
MULTIPLICATION)
TABLE 2. BlPOLAR (OFFSET BINARY) CODE TABLE
DIGITAL INPUT
ANALOG OUTPUT
1111111111
-VREF (1-2
-(N-1))
1000000001
-VREF (2
-(N-1))
1000000000
0
0111111111
VREF (2
-(N-1))
0000000001
VREF (1-2
-(N-1))
0000000000
VREF
NOTES:
1. LSB = 2-(N-1) VREF.
2. N = 10 for 7520, 7521;
N = 12 for 7530, 7531.
15
16
1
5
4
13 3
2
AD7520
BIT 1
BIT 10
14
+15V
VREF
IOUT2
6
-
+
RFEEDBACK
6
-
+
(MSB)
(LSB)
IOUT1
R1 10K
0.01%
R2 10K
0.01%
R3
10M
FIGURE 9. BIPOLAR OPERATION (4-QUADRANT MULTIPLICATION)
AD7520, AD7530, AD7521, AD7531


Similar Part No. - AD7520LD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7520LD AD-AD7520LD Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7520LD INTERSIL-AD7520LD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - AD7520LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com