Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7537 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7537
Description  LC MOS Loading Dual 12-Bit DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537 Datasheet(HTML) 3 Page - Analog Devices

  AD7537_15 Datasheet HTML 1Page - Analog Devices AD7537_15 Datasheet HTML 2Page - Analog Devices AD7537_15 Datasheet HTML 3Page - Analog Devices AD7537_15 Datasheet HTML 4Page - Analog Devices AD7537_15 Datasheet HTML 5Page - Analog Devices AD7537_15 Datasheet HTML 6Page - Analog Devices AD7537_15 Datasheet HTML 7Page - Analog Devices AD7537_15 Datasheet HTML 8Page - Analog Devices AD7537_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AD7537
REV.
–3–
TIMING CHARACTERISTICS
Limit at
Limit at
Limit at
TA = –40 CTA = +55 C
Parameter
TA = +25 C
to +85 C
to +125 C
Units
Test Conditions/Comments
t1
15
15
30
ns min
Address Valid to Write Setup Time
t2
15
15
25
ns min
Address Valid to Write Hold Time
t3
60
80
80
ns min
Data Setup Time
t4
25
25
25
ns min
Data Hold Time
t5
0
0
0
ns min
Chip Select or Update to Write Setup Time
t6
0
0
0
ns min
Chip Select or Update to Write Hold Time
t7
80
80
100
ns min
Write Pulse Width
t8
80
80
100
ns min
Clear Pulse Width
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise stated)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VREFA, VREFB to AGNDA, AGNDB . . . . . . . . . . . . . . . .
±25 V
VRFBA, VRFBB to AGNDA, AGNDB . . . . . . . . . . . . . . . .
±25 V
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD +0.3 V
IOUTA, IOUTB to DGND . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
AGNDA, AGNDB to DGND . . . . . . . . . –0.3 V, VDD +0.3 V
Power Dissipation (Any Package)
To +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Derates Above +75
°C . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature Range
Commercial Plastic (J, K, L Versions) . . . . –40
°C to +85°C
Industrial Hermetic (A, B, C Versions) . . . –40
°C to +85°C
Extended Hermetic (S, T, U Versions) . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7537 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Figure 1. Timing Diagram
(VDD = +10.8 V to +16.5 V, VREFA = VREFB = +10 V; IOUTA = AGNDA = 0 V, IOUTB = AGNDB = 0 V.)
A


Similar Part No. - AD7537_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7537AQ AD-AD7537AQ Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
AD7537BQ AD-AD7537BQ Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
AD7537BR AD-AD7537BR Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537BR-REEL AD-AD7537BR-REEL Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537BRZ AD-AD7537BRZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
More results

Similar Description - AD7537_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537 AD-AD7537 Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JNZ AD-AD7537JNZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com