Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7538
Description  Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538 Datasheet(HTML) 5 Page - Analog Devices

  AD7538_15 Datasheet HTML 1Page - Analog Devices AD7538_15 Datasheet HTML 2Page - Analog Devices AD7538_15 Datasheet HTML 3Page - Analog Devices AD7538_15 Datasheet HTML 4Page - Analog Devices AD7538_15 Datasheet HTML 5Page - Analog Devices AD7538_15 Datasheet HTML 6Page - Analog Devices AD7538_15 Datasheet HTML 7Page - Analog Devices AD7538_15 Datasheet HTML 8Page - Analog Devices AD7538_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7538
Rev. B | Page 5 of 16
TIMING DIAGRAM
CS
LDAC
WR
DATA
5V
0V
5V
0V
5V
0V
5V
0V
NOTES
1. ALL INPUT SIGNAL RISE AND FALL TIMES MEASURES FROM 10%
TO 90% OF 5V,
tR = tF = 20ns.
2. TIMING MEASUREMENT REFERENCE LEVEL IS
.
3. IF LDAC IS ACTIVATED PRIOR TO THE RISING EDGE OF WR,
THEN IT MUST STAY LOW FOR
t3 OR LONGER AFTER WR GOES HIGH.
VIH + VIL
2
t1
t6
t5
t2
t3
t4
Figure 2. Timing Diagram


Similar Part No. - AD7538_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538AQ AD-AD7538AQ Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538AQ AD-AD7538AQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538AQ AD-AD7538AQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538BQ AD-AD7538BQ Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538BQ AD-AD7538BQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
logo
Maxim Integrated Produc...
MX7534 MAXIM-MX7534 Datasheet
143Kb / 16P
   Microprocessor-Compatible, 14-Bit DACs
Rev 1; 11/96
logo
Analog Devices
AD7534 AD-AD7534 Datasheet
492Kb / 12P
   uP-Compatible 14-Bit DAC
REV. A
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7535 AD-AD7535_15 Datasheet
489Kb / 12P
   LC MOS P Compatible 14 Bit DAC
REV. A
AD7536 AD-AD7536_15 Datasheet
636Kb / 12P
   LC MOS 14 BIT P COMPATIBLE DAC
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com