Electronic Components Datasheet Search |
|
AD7545 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7545 Datasheet(HTML) 6 Page - Analog Devices |
6 / 8 page AD7545 –6– REV. A VDD = +5 volts. However, great care should be taken to ensure that the +5 V used to power the AD7545 is free from digitally induced noise. Temperature Coefficients: The gain temperature coefficient of the AD7545 has a maximum value of 5 ppm/ °C and a typical value of 2 ppm/ °C. This corresponds to worst case gain shifts of 2 LSBs and 0.8 LSBs respectively over a 100 °C temperature range. When trim resistors Rl and R2 are used to adjust full- scale range, the temperature coefficient of R1 and R2 should also be taken into account. The reader is referred to Analog Devices Application Note “Gain Error and Gain Temperature Coefficient of CMOS Multiplying DACs,” Publication Number E630–10–6/81. SINGLE SUPPLY OPERATION The ladder termination resistor of the AD7545 (Figure 1) is connected to AGND. This arrangement is particularly suitable for single supply operation because OUT1 and AGND may be biased at any voltage between DGND and VDD. OUT1 and AGND should never go more than 0.3 volts less than DGND or an internal diode will be turned on and a heavy current may flow which will damage the device. (The AD7545 is, however, protected from the SCR latch-up phenomenon prevalent in many CMOS devices.) Figure 7 shows the AD7545 connected in a voltage switching mode. OUT1 is connected to the reference voltage and AGND is connected to DGND. The D/A converter output voltage is available at the VREF pin and has a constant output impedance equal to R. RFB is not used in this circuit. VO 12 AD7545 1 2 DB11–DB0 OUT1 AGND 3 18 VDD +15V 19 VREF REFERENCE VOLTAGE DGND 15 VOLT CMOS DIGITAL INPUTS Figure 7. Single Supply Operation Using Voltage Switching Mode The loading on the reference voltage source is code dependent and the response time of the circuit is often determined by the behavior of the reference voltage with changing load conditions. To maintain linearity, the voltages at OUT1 and AGND should remain within 2.5 volts of each other, for a VDD of 15 volts. If VDD is reduced from 15 V, or the differential voltage between OUT1 and AGND is increased to more than 2.5 V, the differ- ential nonlinearity of the DAC will increase and the linearity of the DAC will be degraded. Figures 8 and 9 show typical curves illustrating this effect for various values of reference voltage and VDD. If the output voltage is required to be offset from ground by some value, then OUT1 and AGND may be biased up. The effect on linearity and differential nonlinearity will be the same as reducing VDD by the amount of the offset. VDD – Volts +2 +1 –2 015 5 10 0 –1 Figure 8. Differential Nonlinearity vs. VDD for Figure 7 Circuit. Reference Voltage = 2.5 Volts. Shaded Area Shows Range of Values of Differential Nonlinearity that Typically Occur for L, C and U Grades. VREF – Volts 0.5 0.0 –2.0 010 5 –0.5 –1.0 –1.5 Figure 9. Differential Nonlinearity vs. Reference Voltage for Figure 7 Circuit. VDD = 15 Volts. Shaded Area Shows Range of Values of Differential Nonlinearity that Typically Occur for L, C and U Grades. The circuits of Figures 4, 5 and 6 can all be converted to single supply operation by biasing AGND to some voltage between VDD and DGND. Figure 10 shows the twos complement bipolar circuit of Figure 5 modified to give a range from +2 V to +8 V about a “pseudo-analog ground” of 5 V. This voltage range would allow operation from a single VDD of +10 V to +15 V. The AD584 pin-programmable reference fixes AGND at +5 V. VIN is set at +2 V by means of the series resistors R1 and R2. There is no need to buffer the VREF input to the AD7545 with an amplifier because the input impedance of the D/A con- verter is constant. Note, however, that since the temperature coefficient of the D/A reference input resistance is typically –300 ppm/ °C; applications that experience wide temperature variations may require a buffer amplifier to generate the +2.0 V at the AD7545 VREF pin. Other output voltage ranges can be obtained by changing R4 to shift the zero point and (R1 + R2) to change the slope, or gain, of the D/A transfer function. VDD must be kept at least 5 V above OUT1 to ensure that linearity is preserved. |
Similar Part No. - AD7545_15 |
|
Similar Description - AD7545_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |