Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7545A Datasheet(PDF) 4 Page - Analog Devices

Part # AD7545A
Description  Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7545A Datasheet(HTML) 4 Page - Analog Devices

  AD7545A_15 Datasheet HTML 1Page - Analog Devices AD7545A_15 Datasheet HTML 2Page - Analog Devices AD7545A_15 Datasheet HTML 3Page - Analog Devices AD7545A_15 Datasheet HTML 4Page - Analog Devices AD7545A_15 Datasheet HTML 5Page - Analog Devices AD7545A_15 Datasheet HTML 6Page - Analog Devices AD7545A_15 Datasheet HTML 7Page - Analog Devices AD7545A_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7545A
–4–
REV. C
CIRCUIT INFORMATION—D/A CONVERTER SECTION
Figure 1 shows a simplified circuit of the D/A converter section
of the AD7545A, and Figure 2 gives an approximate equivalent
circuit. Note that the ladder termination resistor is connected to
AGND. R is typically 15 k
Ω.
The binary weighted currents are switched between the OUT1
bus line and AGND by N-channel switches, thus maintaining a
constant current in each ladder leg independent of the switch
state.
Figure 1. Simplified D/A Circuit of AD7545A
The capacitance at the OUT1 bus line, COUT1, is code-
dependent and varies from 70 pF (all switches to AGND) to
150 pF (all switches to OUT1).
One of the current switches is shown in Figure 2. The input
resistance at VREF (Figure 1) is always equal to R. Since RIN at
the VREF pin is constant, the reference terminal can be driven by
a reference voltage or a reference current, ac or dc, of positive or
negative polarity. (If a current source is used, a low temperature
coefficient external RFB is recommended to define scale factor.)
Figure 2. N-Channel Current Steering Switch
CIRCUIT INFORMATION—DIGITAL SECTION
Figure 3 shows the digital structure for one bit.
The digital signals CONTROL and
CONTROL are generated
from
CS and WR.
Figure 3. Digital Input Structure
The input buffers are simple CMOS inverters designed such
that when the AD7545A is operated with VDD = 5 V, the buffers
convert TTL input levels (2.4 V and 0.8 V) into CMOS logic
levels. When VIN is in the region of 2.0 volts to 3.5 volts, the
input buffers operate in their linear region and draw current
from the power supply. To minimize power supply currents it is
recommended that the digital input voltages be as close to the
supply rails (VDD and DGND) as is practically possible.
The AD7545A may be operated with any supply voltage in the
range 5
≤ VDD ≤ 15 volts. With VDD = +15 V the input logic
levels are CMOS compatible only, i.e., 1.5 V and 13.5 V.
BASIC APPLICATIONS
Figures 4 and 5 show simple unipolar and bipolar circuits using
the AD7545A. Resistor R1 is used to trim for full scale. The L,
C, U grades have a guaranteed maximum gain error of
±1 LSB
at +25
°C, and in many applications it should be possible to
dispense with gain trim resistors altogether. Capacitor C1 pro-
vides phase compensation and helps prevent overshoot and
ringing when using high speed op amps. Note that all the cir-
cuits of Figures 4, 5 and 6 have constant input impedance at the
VREF terminal.
The circuit of Figure 4 can either be used as a fixed reference
D/A converter so that it provides an analog output voltage in the
range 0 to –VIN (note the inversion introduced by the op amp)
or VIN can be an ac signal in which case the circuit behaves as
an attenuator (2-Quadrant Multiplier). VIN can be any voltage
in the range –20
≤ V
IN
≤ +20 volts (provided the op amp can
handle such voltages) since VREF is permitted to exceed VDD.
Table II shows the code relationship for the circuit of Figure 4.
Figure 4. Unipolar Binary Operation
Table I. Recommended Trim Resistor Values vs. Grades
Trim Resistor
K/B/T
L/C/U
R1
200
100
R2
68
33
Table II. Unipolar Binary Code Table for Circuit of Figure 4
Binary Number in
DAC Register
Analog Output
1 1 1 1
1 1 1 1
1 1 1 1
–VIN
4095
4096


1 0 0 0
0 0 0 0
0 0 0 0
–VIN
2048
4096


= –1/2 VIN
0 0 0 0
0 0 0 0
0 0 0 1
–VIN
1
4096


0 0 0 0
0 0 0 0
0 0 0 0
0 Volts


Similar Part No. - AD7545A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results

Similar Description - AD7545A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545 AD-AD7545_15 Datasheet
198Kb / 8P
   Buffered Multiplying DAC
REV. A
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com