Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7545A Datasheet(PDF) 5 Page - Analog Devices

Part # AD7545A
Description  Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7545A Datasheet(HTML) 5 Page - Analog Devices

  AD7545A_15 Datasheet HTML 1Page - Analog Devices AD7545A_15 Datasheet HTML 2Page - Analog Devices AD7545A_15 Datasheet HTML 3Page - Analog Devices AD7545A_15 Datasheet HTML 4Page - Analog Devices AD7545A_15 Datasheet HTML 5Page - Analog Devices AD7545A_15 Datasheet HTML 6Page - Analog Devices AD7545A_15 Datasheet HTML 7Page - Analog Devices AD7545A_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD7545A
–5–
REV. C
Figure 5 and Table III illustrate the recommended circuit and
code relationship for bipolar operation. The D/A function itself
uses offset binary code and inverter U1 on the MSB line con-
verts twos complement input code to offset binary code. If ap-
propriate, inversion of the MSB may be done in software using
an exclusive –OR instruction and the inverter omitted. R3, R4
and R5 must be selected to match within 0.01%, and they
should be the same type of resistor (preferably wire-wound or
metal foil), so that their temperature coefficients match. Mis-
match of R3 value to R4 causes both offset and full-scale error.
Mismatch of R5 to R4 and R3 causes full-scale error.
Figure 5. Bipolar Operation (Twos Complement Code)
Table III. Twos Complement Code Table for Circuit of
Figure 5
Data Input
Analog Output
0 1 1 1
1 1 1 1
1 1 1 1
+VIN
×
2047
2048


0 0 0 0
0 0 0 0
0 0 0 1
+VIN
×
1
2048


0 0 0 0
0 0 0 0
0 0 0 0
0 Volts
1 1 1 1
1 1 1 1
1 1 1 1
–VIN
×
1
2048


1 0 0 0
0 0 0 0
0 0 0 0
–VIN
×
2048
2048


Figure 6 and Table IV show an alternative method of achieving
bipolar output. The circuit operates with sign plus magnitude
code and has the advantage that it gives 12-bit resolution in
each quadrant compared with 11-bit resolution per quadrant for
the circuit of Figure 5. The AD7592 is a fully protected CMOS
change-over switch with data latches. R4 and R5 should match
each other to 0.01% to maintain the accuracy of the D/A con-
verter. Mismatch between R4 and R5 introduces a gain error.
Refer to Reference 1 (supplemental application material) for
additional information on these circuits.
Figure 6. 12-Bit Plus Sign Magnitude Converter
Table IV. 12-Bit Plus Sign Magnitude Code Table for Circuit
of Figure 6
Sign
Binary Numbers in
Bit
DAC Register
Analog Output
0
1 1 1 1 1 1 1 1
1 1 1 1
+ VIN
×
4095
4096


0
0 0 0 0 0 0 0 0
0 0 0 0
0 Volts
1
0 0 0 0 0 0 0 0
0 0 0 0
0 Volts
1
1 1 1 1 1 1 1 1
1 1 1 1
– VIN
×
4095
4096


Note: Sign bit of “0” connects R3 to GND.
APPLICATIONS HINTS
Output Offset: CMOS D/A converters such as Figures 4, 5
and 6 exhibit a code dependent output resistance which, in turn,
can cause a code dependent error voltage at the output of the
amplifier. The maximum amplitude of this error, which adds
to the D/A converter nonlinearity, depends on VOS, where VOS
is the amplifier input offset voltage. To maintain specified accuracy
with VREF at 10 V, it is recommended that VOS be no greater than
0.25 mV, or (25
× 10–6) (V
REF), over the temperature range of
operation. Suitable op amps are AD517 and AD711. The AD517
is best suited for fixed reference applications with low band-
width requirements: it has extremely low offset (150
µV max for
lowest grade) and in most applications will not require an offset
trim. The AD711 has a much wider bandwidth and higher slew
rate and is recommended for multiplying and other applications
requiring fast settling. An offset trim on the AD711 may be
necessary in some circuits.
General Ground Management: AC or transient voltages
between AGND and DGND can cause noise injection into the
analog output. The simplest method of ensuring that voltages at
AGND and DGND are equal is to tie AGND and DGND
together at the AD7545A. In more complex systems where the
AGND and DGND intertie is on the backplane, it is recom-
mended that two diodes be connected in inverse parallel between
the AD7545A AGND and DGND pins (1N914 or equivalent).


Similar Part No. - AD7545A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results

Similar Description - AD7545A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545 AD-AD7545_15 Datasheet
198Kb / 8P
   Buffered Multiplying DAC
REV. A
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com