Electronic Components Datasheet Search |
|
AD7545A Datasheet(PDF) 3 Page - Analog Devices |
|
AD7545A Datasheet(HTML) 3 Page - Analog Devices |
3 / 8 page AD7545A –3– REV. C ABSOLUTE MAXIMUM RATINGS* (TA = + 25 °C unless otherwise noted) VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD +0.3 V VRFB, VREF to DGND . . . . . . . . . . . . . . . . . . . . . . . . . ±25 V VPIN1 to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V AGND to DGND . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V Power Dissipation (Any Package) to 75 °C . . . . . . . . . 450 mW Derates above 75 °C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C Operating Temperature Range Commercial (KN, LN, KP, LP) Grades . . . 0 °C to +70°C Industrial (BQ, CQ, BE, CE) Grades . . . . –25 °C to +85°C Extended (TQ, UQ, TE, UE) Grades . . . –55 °C to +125°C Storage Temperature . . . . . . . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300 °C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. CAUTION ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected; however, permanent damage may occur on unconnected devices subject to high energy electro- static fields. Unused devices must be stored in conductive foam or shunts. The protective foam should be discharged to the destination socket before devices are removed. ORDERING GUIDE Relative Gain Temperature Accuracy Error Package Model 1 Range TMIN–TMAX TMIN–TMAX Options 2 AD7545AKN 0 °C to +70°C ±1/2 ±4 N-20 AD7545ALN 0 °C to +70°C ±1/2 ±2 N-20 AD7545AKR 0 °C to +70°C ±1/2 ±4R-20 AD7545AKP 0 °C to +70°C ±1/2 ±4 P-20A AD7545ALP 0 °C to +70°C ±1/2 ±2 P-20A AD7545ABQ –25 °C to +85°C ±1/2 ±4 Q-20 AD7545ACQ –25 °C to +85°C ±1/2 ±2 Q-20 AD7545ABE –25 °C to +85°C ±1/2 ±4 E-20A AD7545ACE –25 °C to +85°C ±1/2 ±2 E-20A AD7545ATQ –55 °C to +125°C ±1/2 ±4 Q-20 AD7545AUQ –55 °C to +125°C ±1/2 ±2 Q-20 AD7545ATE –55 °C to +125°C ±1/2 ±4 E-20A AD7545AUE –55 °C to +125°C ±1/2 ±2 E-20A NOTES 1To order MIL-STD-883, Class B process parts, add /883B to part number. Contact local sales office for military data sheet. 2E = Leadless Ceramic Chip Carrier (LCCC); N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip; R = Small Outline IC. WRITE CYCLE TIMING DIAGRAM WARNING! ESD SENSITIVE DEVICE |
Similar Part No. - AD7545A_15 |
|
Similar Description - AD7545A_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |