Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA139 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA139
Description  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA139 Datasheet(HTML) 5 Page - Intersil Corporation

  CA139 Datasheet HTML 1Page - Intersil Corporation CA139 Datasheet HTML 2Page - Intersil Corporation CA139 Datasheet HTML 3Page - Intersil Corporation CA139 Datasheet HTML 4Page - Intersil Corporation CA139 Datasheet HTML 5Page - Intersil Corporation CA139 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Metallization Mask Layout
FIGURE 3. RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES - NEGATIVE TRANSITION
FIGURE 4. RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES - POSITIVE TRANSITION
FIGURE 5. OUTPUT SATURATION VOLTAGE vs OUTPUT SINK CURRENT
Typical Performance Curves
-
+
3
2
12
5
4
5.1k
V+ = +5V
VO
VI
TA = 25
oC
0
-50
-100
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
TIME (
µs)
INPUT
OVERDRIVE
= 5mV
100mV
20mV
-
+
3
2
12
5
4
5.1k
V+ = +5V
VO
VI
100mV
20mV
INPUT
OVERDRIVE
= 5mV
TA = 25
oC
100
50
0
0
0.5
1.0
1.5
2.0
TIME (
µs)
5
4
3
2
1
0
101
100
10-1
10-2
10-3
10-2
10-1
100
101
102
TA = 25
oC
OUT OF
SATURATION
OUTPUT SINK CURRENT (mA)
51 -5 9
(1.295 - 1.499)
54
50
40
30
20
10
0
0
52 - 60 (1.321 - 1.524)
4 - 10 (0.102 - 0.254)
10
20
30
40
50 55
NOTE:
Dimensions in parentheses
are in mm and are derived from the
basic in. dimensions as indicated. Grid
graduations are in mils (10-3 inch).
CA139, CA139A, CA239, CA339, LM339, LM2901, LM3302


Similar Part No. - CA139

ManufacturerPart #DatasheetDescription
logo
GE Solid State
CA139 GESS-CA139 Datasheet
129Kb / 1P
   Single/Quad Types Comparators
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Harris Corporation
CA1391 HARRIS-CA1391 Datasheet
51Kb / 4P
   TV Horizontal Processors
CA1391E HARRIS-CA1391E Datasheet
51Kb / 4P
   TV Horizontal Processors
logo
List of Unclassifed Man...
CA1391E ETC2-CA1391E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA139

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com