Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7568 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7568
Description  Octal 12-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7568 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7568_15 Datasheet HTML 2Page - Analog Devices AD7568_15 Datasheet HTML 3Page - Analog Devices AD7568_15 Datasheet HTML 4Page - Analog Devices AD7568_15 Datasheet HTML 5Page - Analog Devices AD7568_15 Datasheet HTML 6Page - Analog Devices AD7568_15 Datasheet HTML 7Page - Analog Devices AD7568_15 Datasheet HTML 8Page - Analog Devices AD7568_15 Datasheet HTML 9Page - Analog Devices AD7568_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD7568
–6–
5.5
0.0
5.0
1.5
0.5
1.0
1.0
0.0
3.0
2.0
2.5
3.5
4.0
4.5
5.0
4.0
3.0
2.0
DIGITAL INPUT – Volts
V
= +5V
T = +25
°C
DD
A
Figure 3. Supply Current vs. Logic
Input Voltage
1.0
0.0
10.0
0.3
0.1
4.0
0.2
2.0
0.6
0.4
0.5
0.7
0.8
0.9
8.0
6.0
V
= +5V
T = +25
°C
DD
A
V
– Volts
REF
Figure 6. Integral Nonlinearity Error
vs. VREF
10
90
100
0%
50mV
5V
200ns
200ns
DIGITAL INPUTS
AD713 OUTPUT
V
= +5V
T = +25
°C
V
= +10V
OP AMP = AD713
DD
A
REF
Figure 9. Digital-to-Analog Glitch
Impulse
–Typical Performance Curves
2
0
85
–15
–40
1
60
10
35
TEMPERATURE –
°C
V
= +5V
DD
V
= +2.4V
IH
V
= +4V
IH
Figure 4. Supply Current vs.
Temperature
1.0
0.0
4095
0.6
0.2
2048
0.4
0
0.8
DIGITAL CODE
V
= +10V
V
= +5V
T = +25
°C
REF
DD
A
Figure 7. Typical DAC to DAC
Linearity Matching
0
–100
–70
–90
–80
–40
–60
–50
–30
–20
–10
103
10 4
105
106
FREQUENCY – Hz
V
C = 20V pk-pk SINE WAVE
ALL OTHER REFERENCE INPUTS GROUNDED
DAC C LOADED WITH ALL 1s
ALL OTHER DACs LOADED WITH ALL 0s
REF
Figure 10. Channel-to-Channel
Isolation (1 DAC to 1 DAC)
1.0
0.0
10.0
0.3
0.1
4.0
0.2
2.0
0.6
0.4
0.5
0.7
0.8
0.9
8.0
6.0
V
= +5V
T = +25
°C
DD
A
V
– Volts
REF
Figure 5. Differential Nonlinearity
Error vs. VREF
–50
–100
–85
–95
–90
–70
–80
–75
–65
–60
–55
102
103
10 4
105
FREQUENCY – Hz
V
= +5V
T = +25
°C
V
= 6V rms
OP AMP = AD713
DD
A
IN
Figure 8. Total Harmonic Distortion
vs. Frequency
0
–100
–70
–90
–80
–40
–60
–50
–30
–20
–10
103
10 4
105
106
FREQUENCY – Hz
V
B GROUNDED
ALL OTHER REFERENCE INPUTS =
20V pk-pk SINE WAVE
DAC B LOADED WITH ALL 0s
ALL OTHER DACs LOADED WITH ALL 1s
REF
Figure 11. Channel-to-Channel
Isolation (1 DAC to All Other DACs)
REV. C


Similar Part No. - AD7568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BP AD-AD7568BP Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BP AD-AD7568BP Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BP-REEL AD-AD7568BP-REEL Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results

Similar Description - AD7568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com