Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7568 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7568
Description  Octal 12-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7568 Datasheet(HTML) 3 Page - Analog Devices

  AD7568_15 Datasheet HTML 1Page - Analog Devices AD7568_15 Datasheet HTML 2Page - Analog Devices AD7568_15 Datasheet HTML 3Page - Analog Devices AD7568_15 Datasheet HTML 4Page - Analog Devices AD7568_15 Datasheet HTML 5Page - Analog Devices AD7568_15 Datasheet HTML 6Page - Analog Devices AD7568_15 Datasheet HTML 7Page - Analog Devices AD7568_15 Datasheet HTML 8Page - Analog Devices AD7568_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AD7568
–3–
TIMING SPECIFICATIONS
Limit at
Limit at
Parameter
TA = +25 CTA = –40 C to +85 C
Units
Description
t1
100
100
ns min
CLKIN Cycle Time
t2
40
40
ns min
CLKIN High Time
t3
40
40
ns min
CLKIN Low Time
t4
30
30
ns min
FSIN
Setup Time
t5
30
30
ns min
Data Setup Time
t6
5
5
ns min
Data Hold Time
t7
90
90
ns min
FSIN
Hold Time
t8
2
70
70
ns max
SDOUT Valid After CLKIN Falling Edge
t9
40
40
ns min
LDAC
, CLR Pulse Width
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2t
8 is measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.4 V.
CLKIN (I)
SDIN (I)
SDOUT (O)
DB15
DB0
DB15
DB0
FSIN (I)
LDAC, CLR
t1
t4
t
7
t2
t 3
t 6
t 5
t 8
t 9
NOTES
1. AO IS HARDWIRED HIGH OR LOW.
Figure 1. Timing Diagram
(VDD = +5 V
5%; IOUT1 = IOUT2 = 0 V; TA = TMIN to TMAX, unless otherwise noted)
1.6mA
I OL
+2.1V
I
OH
200
µA
C L
50pF
TO OUTPUT
PIN
Figure 2. Load Circuit for Digital Output
Timing Specifications
REV. C


Similar Part No. - AD7568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BP AD-AD7568BP Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BP AD-AD7568BP Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BP-REEL AD-AD7568BP-REEL Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results

Similar Description - AD7568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com