Electronic Components Datasheet Search |
|
AD7650 Datasheet(PDF) 5 Page - Analog Devices |
|
AD7650 Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page REV. 0 –5– AD7650 ORDERING GUIDE Model Temperature Range Package Description Package Option AD7650AST –40 °C to +85°C Quad Flatpack (LQFP) ST-48 AD7650ASTRL –40 °C to +85°C Quad Flatpack (LQFP) ST-48 AD7650ACP 1 –40 °C to +85°C Quad Flatpack (LFCSP) CP-48 1 AD7650ACPRL1 –40 °C to +85°C Quad Flatpack (LFCSP) CP-481 EVAL-AD7650CB 2 Evaluation Board EVAL-CONTROL BRD2 3 Controller Board NOTES 1Future Product. Contact Factory for availability. 2This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes. 3This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator. ABSOLUTE MAXIMUM RATINGS 1 Analog Inputs IN+ 2, REF, IN–, REFGND . . . . . . . . . . . . AVDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . to AGND – 0.3 V Ground Voltage Differences AGND, DGND, OGND . . . . . . . . . . . . . . . . . . . . ±0.3 V Supply Voltages AVDD, DVDD, OVDD . . . . . . . . . . . . . . . . . . . . . . . 7 V AVDD to DVDD, AVDD to OVDD . . . . . . . . . . . . . ±7 V DVDD to OVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . ±7 V Digital Inputs Except the Data Bus D(7:4) . . . . –0.3 V to DVDD + 0.3 V Data Bus Inputs D(7:4) . . . . . . . –0.3 V to OVDD + 0.3 V Internal Power Dissipation 3 . . . . . . . . . . . . . . . . . . . 700 mW Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150 °C Storage Temperature Range . . . . . . . . . . . –65 °C to +150°C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2See Analog Input section. 3Specification is for device in free air: 48-Lead LQFP: θ JA = 91 °C/W, θ JC = 30 °C/W. 48-Lead LFCSP: θ JC = 26 °C/W. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7650 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE |
Similar Part No. - AD7650_15 |
|
Similar Description - AD7650_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |