Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7650 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7650_15 Datasheet HTML 2Page - Analog Devices AD7650_15 Datasheet HTML 3Page - Analog Devices AD7650_15 Datasheet HTML 4Page - Analog Devices AD7650_15 Datasheet HTML 5Page - Analog Devices AD7650_15 Datasheet HTML 6Page - Analog Devices AD7650_15 Datasheet HTML 7Page - Analog Devices AD7650_15 Datasheet HTML 8Page - Analog Devices AD7650_15 Datasheet HTML 9Page - Analog Devices AD7650_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD7650
–6–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Type
Description
1
AGND
P
Analog Power Ground Pin
2
AVDD
P
Input Analog Power Pins. Nominally 5 V.
3, 40–42,
NC
No Connect
44–48
4
DGND
DI
Must be tied to the ground where DVDD is referred.
5
OB/2C
DI
Straight Binary/Binary Two’s Complement. When OB/2C is HIGH, the digital output is
straight binary; when LOW, the MSB is inverted resulting in a two’s complement output from
its internal shift register.
6
WARP
DI
Mode Selection. When HIGH and IMPULSE LOW, this input selects the fastest mode, the
maximum throughput is achievable, and a minimum conversion rate must be applied in order
to guarantee full specified accuracy. When LOW, full accuracy is maintained independent of
the minimum conversion rate.
7
IMPULSE
DI
Mode Selection. When HIGH and WARP LOW, this input selects a reduced power mode.
In this mode, the power dissipation is approximately proportional to the sampling rate.
8
SER/
PAR
DI
Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the
serial interface mode is selected and some bits of the DATA bus are used as a serial port.
9–12
DATA[0:3]
DO
Bit 0 to Bit 3 of the Parallel Port Data Output Bus. These pins are always outputs, regardless
of the state of SER/
PAR.
13
DATA[4]
DI/O
When SER/
PAR is LOW, this output is used as Bit 4 of the Parallel Port Data Output Bus.
or EXT/
INT
When SER/
PAR is HIGH, this input, part of the serial port, is used as a digital select input for
choosing the internal or an external data clock. With EXT/
INT tied LOW, the internal clock
is selected on SCLK output. With EXT/
INT set to a logic HIGH, output data is synchronized
to an external clock signal connected to the SCLK input.
14
DATA[5]
DI/O
When SER/
PAR is LOW, this output is used as Bit 5 of the Parallel Port Data Output Bus.
or INVSYNC
When SER/
PAR is HIGH, this input, part of the serial port, is used to select the active state of
the SYNC signal. It is active in both master and slave mode. When LOW, SYNC is active
HIGH. When HIGH, SYNC is active LOW.
15
DATA[6]
DI/O
When SER/
PAR is LOW, this output is used as Bit 6 of the Parallel Port Data Output Bus.
or INVSCLK
When SER/
PAR is HIGH, this input, part of the serial port, is used to invert the SCLK signal.
It is active in both master and slave mode.
PIN CONFIGURATION
48-Lead LQFP and 48-Lead LFSCP
(ST-48 and CP-48)
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
CNVST
PD
RESET
CS
RD
DGND
AGND
AVDD
NC
DGND
OB/
2C
WARP
IMPULSE
NC = NO CONNECT
SER/
PAR
D0
D1
D2
BUSY
D15
D14
D13
AD7650
D3
D12


Similar Part No. - AD7650_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7650 AD-AD7650 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7650 AD-AD7650 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7650 AD-AD7650 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7650 AD-AD7650 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7650 AD-AD7650 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7650_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7650 AD-AD7650 Datasheet
265Kb / 21P
   16-Bit, 570 kSPS Low Cost CMOS ADC
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7664 AD-AD7664_15 Datasheet
386Kb / 24P
   16-Bit, 570 kSPS
REV. E
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com