Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7651 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7651
Description  16-Bit 100 kSPS PulSART Unipolar ADC with Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7651 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7651_15 Datasheet HTML 3Page - Analog Devices AD7651_15 Datasheet HTML 4Page - Analog Devices AD7651_15 Datasheet HTML 5Page - Analog Devices AD7651_15 Datasheet HTML 6Page - Analog Devices AD7651_15 Datasheet HTML 7Page - Analog Devices AD7651_15 Datasheet HTML 8Page - Analog Devices AD7651_15 Datasheet HTML 9Page - Analog Devices AD7651_15 Datasheet HTML 10Page - Analog Devices AD7651_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7651
ABSOLUTE MAXIMUM RATINGS
Table 5. AD7651 Stress Ratings1
IN2, TEMP2,REF, REFBUFIN,
INGND, REFGND to AGND
AVDD + 0.3 V to
AGND – 0.3 V
Ground Voltage Differences
AGND, DGND, OGND
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD
–0.3 V to +7 V
AVDD to DVDD, AVDD to OVDD
±7 V
DVDD to OVDD
–0.3 V to +7 V
Digital Inputs
–0.3 V to DVDD + 0.3 V
PDREF, PDBUF3
±20 mA
Internal Power Dissipation4
700 mW
Internal Power Dissipation5
2.5 W
Junction Temperature
150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature Range
(Soldering 10 sec)
300°C
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed
in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect
device reliability.
2See
section.
3See
section.
4Specification is for the device in free air:
48-Lead LQFP; θJA = 91°C/W, θJC = 30°C/W
5Specification is for the device in free air:
48-Lead LFCSP; θJA = 26°C/W.
Analog Input
Voltage Reference Input
IOH
500
µA
1.6mA
IOL
TO OUTPUT
PIN
1.4V
CL
60pF*
* IN SERIAL INTERFACE MODES,THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE,THE LOAD IS 60pF MAXIMUM.
02964-0-006
Figure 2. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, SCLK Outputs CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
tDELAY
tDELAY
02965-0-007
Figure 3. Voltage Reference Levels for Timing
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. 0 | Page 7 of 28


Similar Part No. - AD7651_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
More results

Similar Description - AD7651_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7652ASTZ AD-AD7652ASTZ Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7666 AD-AD7666 Datasheet
560Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Analog Devices
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com