Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3020A Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3020A
Description  8MHz Power Amps For Military, Industrial and Commercial Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3020A Datasheet(HTML) 5 Page - Intersil Corporation

  CA3020A Datasheet HTML 1Page - Intersil Corporation CA3020A Datasheet HTML 2Page - Intersil Corporation CA3020A Datasheet HTML 3Page - Intersil Corporation CA3020A Datasheet HTML 4Page - Intersil Corporation CA3020A Datasheet HTML 5Page - Intersil Corporation CA3020A Datasheet HTML 6Page - Intersil Corporation CA3020A Datasheet HTML 7Page - Intersil Corporation CA3020A Datasheet HTML 8Page - Intersil Corporation CA3020A Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3-5
FIGURE 5A. TEST SETUP
FIGURE 5B. DIFFERENTIAL AMPLIFIER CHARACTERISTICS
OF ICC1 CURRENT vs VCC1 VOLTAGE
FIGURE 5C. OUTPUT AMPLIFIER CHARACTERISTICS OF ICC2 CURRENT vs VCC1 VOLTAGE
FIGURE 5. ZERO SIGNAL AMPLIFIER CURRENT vs DIFFERENTIAL AMPLIFIER SUPPLY VOLTAGE
FIGURE 6A. TEST SETUP
FIGURE 6B. DIFFERENTIAL AMPLIFIER CHARACTERISTICS
OF ICC1 CURRENT vs AMBIENT TEMPERATURE
FIGURE 6. ZERO SIGNAL AMPLIFIER CURRENT vs AMBIENT TEMPERATURE
Test Circuits and Waveforms (Continued)
3
10
8
9
7
12
6
5
4
2
1
3
VCC1
+2V
ICC1
ICC2
CA3020
CA3020A
S
15
10
5
0
2
468
10
DIFFERENTIAL AMPLIFIER SUPPLY VOLTAGE (V)
TA = 25
oC
S CLOSED
S OPEN
15
10
5
0
2
468
10
DIFFERENTIAL AMPLIFIER SUPPLY VOLTAGE (V)
TA = 25
oC
S CLOSED
S OPEN
3
10
8
9
7
12
6
5
4
2
1
3
VCC1
+2V
ICC1
ICC2
CA3020
CA3020A
S
15
10
5
0
-50
TEMPERATURE (oC)
S CLOSED
S OPEN
S CLOSED
-25
0
25
50
75
100
125
150
VCC1 = 9V
VCC1 = 6V
VCC1 = 9V
VCC1 = 3V
S CLOSED
CA3020, CA3020A


Similar Part No. - CA3020A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3020A INTERSIL-CA3020A Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
More results

Similar Description - CA3020A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com