Electronic Components Datasheet Search |
|
AD7654 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7654 Datasheet(HTML) 6 Page - Analog Devices |
6 / 27 page AD7654 Data Sheet Rev. C | Page 6 of 27 Parameter Symbol Min Typ Max Unit SLAVE SERIAL INTERFACE MODES (see Figure 33 and Figure 34) External SCLK Setup Time t38 5 ns External SCLK Active Edge to SDOUT Delay t39 3 18 ns SDIN Setup Time t40 5 ns SDIN Hold Time t41 5 ns External SCLK Period t42 25 ns External SCLK High t43 10 ns External SCLK Low t44 10 ns 1 In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise CL is 60 pF maximum. 2 In serial master read during convert mode. See Table 4 for serial master read after convert mode. Table 4. Serial Clock Timings in Master Read After Convert DIVSCLK[1] 0 0 1 1 DIVSCLK[0] Symbol 0 1 0 1 Unit SYNC to SCLK First Edge Delay Minimum t25 3 17 17 17 ns Internal SCLK Period Minimum t26 25 50 100 200 ns Internal SCLK Period Typical t26 40 70 140 280 ns Internal SCLK High Minimum t27 12 22 50 100 ns Internal SCLK Low Minimum t28 7 21 49 99 ns SDOUT Valid Setup Time Minimum t29 4 18 18 18 ns SDOUT Valid Hold Time Minimum t30 2 4 30 80 ns SCLK Last Edge to SYNC Delay Minimum t31 1 3 30 80 ns Busy High Width Maximum (Normal) t35 3.25 4.25 6.25 10.75 μs Busy High Width Maximum (Impulse) t35 3.5 4.5 6.5 11 μs |
Similar Part No. - AD7654_15 |
|
Similar Description - AD7654_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |