Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7655 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7655
Description  Low Cost, 4-Channel, 16-Bit, 1 MSPS PulSAR ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7655 Datasheet(HTML) 4 Page - Analog Devices

  AD7655_15 Datasheet HTML 1Page - Analog Devices AD7655_15 Datasheet HTML 2Page - Analog Devices AD7655_15 Datasheet HTML 3Page - Analog Devices AD7655_15 Datasheet HTML 4Page - Analog Devices AD7655_15 Datasheet HTML 5Page - Analog Devices AD7655_15 Datasheet HTML 6Page - Analog Devices AD7655_15 Datasheet HTML 7Page - Analog Devices AD7655_15 Datasheet HTML 8Page - Analog Devices AD7655_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
AD7655
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.258
V
Operating Current9
1 MSPS throughput
AVDD
15.5
mA
DVDD
8.5
mA
OVDD
100
µA
Power Dissipation
1 MSPS throughput9
120
135
mW
20 kSPS throughput10
2.6
mW
888 kSPS throughput10
114
125
mW
TEMPERATURE RANGE11
Specified Performance
TMIN to TMAX
−40
+85
°C
1
See the Analog Inputs section.
2
Linearity is tested using endpoints, not best fit.
3
LSB means least significant bit. With the 0 V to 5 V input range, 1 LSB is 76.294 µV.
4
See the Terminology section. These specifications do not include the error contribution from the external reference.
5
All specifications in dB are referred to as full-scale input, FS. Tested with an input signal at 0.5 dB below full scale unless otherwise specified.
6
Parallel or serial 16 bit.
7
Conversion results are available immediately after completed conversion.
8
The maximum should be the minimum of 5.25 V and DVDD + 0.3 V.
9
In normal mode; tested in parallel reading mode.
10
In impulse mode; tested in parallel reading mode.
11
Consult sales for extended temperature range.
Rev. C | Page 4 of 27


Similar Part No. - AD7655_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
   Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
More results

Similar Description - AD7655_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7655-EP AD-AD7655-EP Datasheet
191Kb / 12P
   Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR ADC
REV. A
AD7655AST AD-AD7655AST Datasheet
542Kb / 28P
   Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR짰 ADC
REV. B
AD7655ASTZ AD-AD7655ASTZ Datasheet
542Kb / 28P
   Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR짰 ADC
REV. B
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
   Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7667 AD-AD7667_17 Datasheet
558Kb / 29P
   16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7653 AD-AD7653_15 Datasheet
809Kb / 28P
   16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com