Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7657-1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7657-1
Description  250 kSPS, 6-Channel, Simultaneous
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7657-1 Datasheet(HTML) 4 Page - Analog Devices

  AD7657-1_15 Datasheet HTML 1Page - Analog Devices AD7657-1_15 Datasheet HTML 2Page - Analog Devices AD7657-1_15 Datasheet HTML 3Page - Analog Devices AD7657-1_15 Datasheet HTML 4Page - Analog Devices AD7657-1_15 Datasheet HTML 5Page - Analog Devices AD7657-1_15 Datasheet HTML 6Page - Analog Devices AD7657-1_15 Datasheet HTML 7Page - Analog Devices AD7657-1_15 Datasheet HTML 8Page - Analog Devices AD7657-1_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7656-1/AD7657-1/AD7658-1
Data Sheet
Rev. D | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage (VINH)
0.7 × VDRIVE
V
Input Low Voltage (VINL)
0.3 × VDRIVE
V
Input Current (IIN)
±10
µA
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance (CIN)2
10
pF
LOGIC OUTPUTS
Output High Voltage (VOH)
VDRIVE − 0.2
V
ISOURCE = 200 µA
Output Low Voltage (VOL)
0.2
V
ISINK = 200 µA
Floating-State Leakage Current
±10
µA
Floating-State Output Capacitance2
10
pF
Output Coding
Twos
complement
CONVERSION RATE
Conversion Time
3.1
µs
Track-and-Hold Acquisition Time1,2
550
ns
Throughput Rate
250
kSPS
Parallel interface mode only
POWER REQUIREMENTS
VDD
−5
+16.5
V
For the 4 × VREF range, VDD = 10 V to 16.5 V
VSS
−5
−16.5
V
For the 4 × VREF range, VSS= −10 V to −16.5 V
AVCC
4.75
5.25
V
DVCC
4.75
5.25
V
VDRIVE
2.7
5.25
V
ITOTAL3
Digital inputs = 0 V or VDRIVE
Normal Mode—Static
18
mA
AVCC = DVCC = VDRIVE = +5.25 V, VDD = +16.5 V,
VSS = −16.5 V
Normal Mode—Operational
26
mA
fSAMPLE = 250 kSPS, AVCC = DVCC = VDRIVE = +5.25 V,
VDD = +16.5 V, VSS = −16.5 V
ISS (Operational)
0.25
mA
VSS = −16.5 V, fSAMPLE = 250 kSPS
IDD (Operational)
0.25
mA
VDD = +16.5 V, fSAMPLE = 250 kSPS
Partial Power-Down Mode
7
mA
AVCC = DVCC = VDRIVE = +5.25 V, VDD = +16.5 V,
VSS = −16.5 V
Full Power-Down Mode (STBY Pin)
60
µA
SCLK on or off, AVCC = DVCC = VDRIVE = +5.25 V,
VDD = +16.5 V, VSS = −16.5 V
Power Dissipation
AVCC = DVCC = VDRIVE = +5.25 V, VDD = +16.5 V,
VSS = −16.5 V
Normal Mode—Static
94
mW
Normal Mode—Operational
140
mW
fSAMPLE = 250 kSPS
Partial Power-Down Mode
40
mW
Full Power-Down Mode (STBY Pin)
315
µW
1
See the Terminology section.
2
Sample tested during initial release to ensure compliance.
3
Includes IAVCC, IVDD, IVSS, IVDRIVE, and IDVCC.


Similar Part No. - AD7657-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7657-1 AD-AD7657-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
More results

Similar Description - AD7657-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7658-1 AD-AD7658-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7657 AD-AD7657_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656 AD-AD7656_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7658 AD-AD7658_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656-1 AD-AD7656-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com