Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB1370R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLB1370R
Description  Miniature compact size.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLB1370R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLB1370R Datasheet HTML 1Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 2Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 3Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 4Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 5Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 6Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 7Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 8Page - List of Unclassifed Manufacturers SLB1370R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
O
O18
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
FEATURES
SPECIFICATIONS
Contact ratings: 300 mA at 125 VAC or 30 VDC
Initial contact resistance: 20 milliohms max.
Insulation resistance: 100 megohms min. at 500 VDC
Dielectric strength: 500 volts RMS for 1 minute
Electrical life: 10,000 cycles min.
Operating temperature range: -20°C to +85°C
Actuation force: 220g ± 100g
Solder heat resistance: 260°C max. for 3 seconds
Solvent washing permissible
MATERIALS
MODEL NO.
SLB1281R5
Contacts & terminals: Silver plated
Frame: Zinc plated steel
Actuator: Thermoplastic
Base: Phenolic laminated sheet
Terminal seal: Epoxy
MODEL NO.
SLB1370
1P3T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
MODEL NO.
SLB12814
VERTICAL ACTUATOR
RIGHT ANGLE ACTUATOR
VERTICAL ACTUATOR
.090 (2.30) TRAVEL/THROW
.126 (3.20) TRAVEL/THROW
.126 (3.20) TRAVEL/THROW
Miniature compact size.
Wash-through open frame construction.
Positive spring loaded ball detent mechanism.
Epoxy sealed terminals.
(with p.c. board stand-off bracket)
Miniature Slide Switches
SLB Series


Similar Part No. - SLB1370R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLB1370 ETC2-SLB1370 Datasheet
579Kb / 8P
   Miniature Slide Switches
More results

Similar Description - SLB1370R

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
   Compact size
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
   Ultra miniature size
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
   Extremely compact size
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
logo
AVX Corporation
DB0603N2017ANTR AVX-DB0603N2017ANTR Datasheet
66Kb / 3P
   Miniature 0603 size
DB0805A2017ASTR AVX-DB0805A2017ASTR Datasheet
71Kb / 3P
   Miniature 0805 size
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com