Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB134145 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SLB134145
Description  Miniature compact size.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLB134145 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SLB134145 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 7Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 8Page - List of Unclassifed Manufacturers SLB134145 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
O
O21
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
FEATURES
SPECIFICATIONS
Contact ratings: 300 mA at 125 VAC or 30 VDC
Initial contact resistance: 20 milliohms max.
Insulation resistance: 100 megohms min. at 500 VDC
Dielectric strength: 500 volts RMS for 1 minute
Electrical life: 10,000 cycles min.
Operating temperature range: -20°C to +85°C
Actuation force: 220g ± 100g
Solder heat resistance: 260°C max. for 3 seconds
Solvent washing permissible
MATERIALS
Contacts & terminals: Silver plated
Frame: Zinc plated steel
Actuator: Thermoplastic
Base: Phenolic laminated sheet
Terminal seal: Epoxy
(with thru- p.c. board hole mounting bracket)
Miniature Slide Switches
SLB Series
MODEL NO.
SLB1240R45
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
MODEL NO.
SLB12804
MODEL NO.
SLB124145
VERTICAL ACTUATOR
VERTICAL ACTUATOR
RIGHT ANGLE ACTUATOR
.157 (4.00) TRAVEL/THROW
.157 (4.00) TRAVEL/THROW
.126 (3.20) TRAVEL/THROW
Miniature compact size.
Wash-through open frame construction.
Positive spring loaded ball detent mechanism.
Epoxy sealed terminals.


Similar Part No. - SLB134145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLB1370 ETC2-SLB1370 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
Shenzhen Meipusen Semic...
SLB13N50C MAPLESMI-SLB13N50C Datasheet
996Kb / 6P
   500V N-Channel MOSFET
More results

Similar Description - SLB134145

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
   Compact size
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
   Ultra miniature size
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
   Extremely compact size
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
logo
AVX Corporation
DB0603N2017ANTR AVX-DB0603N2017ANTR Datasheet
66Kb / 3P
   Miniature 0603 size
DB0805A2017ASTR AVX-DB0805A2017ASTR Datasheet
71Kb / 3P
   Miniature 0805 size
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com