Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3081 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3081
Description  General Purpose High Current NPN Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3081 Datasheet(HTML) 2 Page - Intersil Corporation

  CA3081 Datasheet HTML 1Page - Intersil Corporation CA3081 Datasheet HTML 2Page - Intersil Corporation CA3081 Datasheet HTML 3Page - Intersil Corporation CA3081 Datasheet HTML 4Page - Intersil Corporation CA3081 Datasheet HTML 5Page - Intersil Corporation CA3081 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings TA =25oC
Thermal Information
Collector-to-Emitter Voltage (VCEO) . . . . . . . . . . . . . . . . . . . . . .16V
Collector-to-Base Voltage (VCBO) . . . . . . . . . . . . . . . . . . . . . . . 20V
Collector-to-Substrate Voltage (VCIO, Note 1). . . . . . . . . . . . . . 20V
Emitter-to-Base Voltage (VEBO) . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Base Current (IB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . . .
115
45
PDIP Package . . . . . . . . . . . . . . . . . . .
100
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
190
N/A
Maximum Power Dissipation (Any One Transistor) . . . . . . . 500mW
Maximum Junction Temperature (Ceramic Package) . . . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor of the CA3081 and CA3082 is isolated from the substrate by an integral diode. The substrate must be connected
to a voltage which is more negative than any collector voltage in order to maintain isolation between transistors and provide normal transistor
action. To avoid undesired coupling between transistors, the substrate terminal (5) should be maintained at either DC or signal (AC) ground. A
suitable bypass capacitor can be used to establish a signal ground.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
For Equipment Design at TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC = 500µA, IE = 0
20
60
-
V
Collector-to-Substrate Breakdown Voltage
V(BR)CIO
IC = 500µA, IB = 0
20
60
-
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
16
24
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IC = 500µA
5.0
6.9
-
V
DC Forward Current Transfer Ratio
hFE
VCE = 0.5V, IC = 30mA
30
68
-
-
VCE = 0.8V, IC = 50mA
40
70
-
-
Base-to-Emitter Saturation Voltage (Figure 4)
VBESAT
IC = 30mA, IB = 1mA
-
0.87
1.2
V
Collector-to-Emitter Saturation Voltage
VCESAT
CA3081, CA3082
IC = 30mA, IB = 1mA
-
0.27
0.5
V
CA3081 (Figure 5)
IC = 50mA, IB = 5mA
-
0.4
0.7
V
CA3082 (Figure 5)
IC = 50mA, IB = 5mA
-
0.4
0.8
V
Collector Cutoff Current
ICEO
VCE = 10V, IB = 0
-
-
10
µA
Collector Cutoff Current
ICBO
VCB = 10V, IE = 0
-
-
1.0
µA
Typical Read - Out Driver Applications
FIGURE 1. SCHEMATIC DIAGRAM SHOWING ONE
TRANSISTOR OF THE CA3081 DRIVING ONE
SEGMENT OF AN INCANDESCENT DISPLAY
FIGURE 2. SCHEMATIC DIAGRAM SHOWING ONE
TRANSISTOR OF THE CA3082 DRIVING A LIGHT
EMITTING DIODE (LED)
FROM
DECODER
1/7 CA3081
(COMMON EMITTER)
V+
1 SEGMENT OF INCANDESCENT DISPLAY
(DR2000 SERIES OR EQUIVALENT)
1/7 CA3082
(COMMON COLLECTOR)
V+
R (NOTE)
LIGHT EMITTING DIODE (LED)
40736R
NOTE:
The Resistance for R is determined by the relationship:
Where: VP = Input Pulse Voltage
VF = Forward Voltage Drop Across the Diode
R
V
P
V
BE
V
F LED
()
I LED
()
-------------------------------------------------------
=
R
0 for V
P
V
BE
V
F LED
()
+
==
VP
0V
CA3081, CA3082


Similar Part No. - CA3081

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
logo
Rochester Electronics
CA3081 ROCHESTER-CA3081 Datasheet
607Kb / 1P
   HIGH CURRENT NPN TRANSISTOR for general purpose applications BJT Array
logo
List of Unclassifed Man...
CA3081 ETC2-CA3081 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rochester Electronics
CA3081E ROCHESTER-CA3081E Datasheet
607Kb / 1P
   HIGH CURRENT NPN TRANSISTOR for general purpose applications BJT Array
logo
Intersil Corporation
CA3081F INTERSIL-CA3081F Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
More results

Similar Description - CA3081

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
logo
Harris Corporation
CA3018 HARRIS-CA3018 Datasheet
48Kb / 6P
   General Purpose Transistor Arrays
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Seme LAB
BFX34 SEME-LAB-BFX34 Datasheet
21Kb / 2P
   HIGH CURRENT GENERAL PURPOSE TRANSISTOR
logo
TT Electronics.
BFX34 TTELEC-BFX34 Datasheet
80Kb / 3P
   HIGH CURRENT GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com