Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3078T Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3078T
Description  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078T Datasheet(HTML) 1 Page - Intersil Corporation

  CA3078T Datasheet HTML 1Page - Intersil Corporation CA3078T Datasheet HTML 2Page - Intersil Corporation CA3078T Datasheet HTML 3Page - Intersil Corporation CA3078T Datasheet HTML 4Page - Intersil Corporation CA3078T Datasheet HTML 5Page - Intersil Corporation CA3078T Datasheet HTML 6Page - Intersil Corporation CA3078T Datasheet HTML 7Page - Intersil Corporation CA3078T Datasheet HTML 8Page - Intersil Corporation CA3078T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CA3078, CA3078A
2MHz, Micropower Operational Amplifier
The CA3078 and CA3078A are high gain monolithic
operational amplifiers which can deliver milliamperes of
current yet only consume microwatts of standby power. Their
operating points are externally adjustable and frequency
compensation may be accomplished with one external
capacitor. The CA3078 and CA3078A provide the designer
with the opportunity to tailor the frequency response and
improve the slew rate without sacrificing power. Operation
with a single 1.5V battery is a practical reality with these
devices.
The CA3078A is a premium device having a supply voltage
range of V
± = 0.75V to V± = 15V. The CA3078 has the same
lower supply voltage limit but the upper limit is V+ = +6V and
V- = -6V.
Features
• Low Standby Power . . . . . . . . . . . . . . . As Low As 700nW
• Wide Supply Voltage Range. . . . . . . . . . .
±0.75V to ±15V
• High Peak Output Current . . . . . . . . . . . . . . . 6.5mA (Min)
• Adjustable Quiescent Current
• Output Short Circuit Protection
Applications
• Portable Electronics
• Intrusion Alarms
• Telemetry
• Instrumentation
• Medical Electronics
Pinouts
CA3078 (PDIP, SOIC)
TOP VIEW
CA3078 (METAL CAN)
TOP VIEW
NOTE: Case Voltage = Floating
Schematic Diagram
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3078AE
-55 to 125
8 Ld PDIP
E8.3
CA3078AM
(3078A)
-55 to 125
8 Ld SOIC
M8.15
CA3078AM96
(3078A)
-55 to 125
8 Ld SOIC Tape and Reel M8.15
CA3078AT
-55 to 125
8 Pin Metal Can
T8.C
CA3078E
0 to 70
8 Ld PDIP
E8.3
CA3078M
(3078)
0 to 70
8 Ld SOIC
M8.15
CA3078T
0 to 70
8 Pin Metal Can
T8.C
8
7
6
5
1
2
3
4
COMP
INV. INPUT
NON-INV.
INPUT
COMP
OUTPUT
BIAS
V+
V-
+
-
COMP
OUTPUT
BIAS
2
4
6
1
3
7
5
8
+
TAB
RSET
V+
V-
NON-INV.
INPUT
INV.
INPUT
V+
3
Q1
Q3
Q4
Q6
D9
2
5
1
4
6
7
Q10
Q12
50
Q18
OUTPUT
Q16
Q11
Q13
Q15
Q17
D8
Q9
Q14
50
V+
V-
COMPENSATION
D6
D7
Q5
D4
Q2
D1
BIAS
INVERTING
D2
D3
D5
NON-
INVERTING
Q7
Q8
8
Data Sheet
December 1998
File Number
535.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - CA3078T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3078T INTERSIL-CA3078T Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078T ROCHESTER-CA3078T Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
More results

Similar Description - CA3078T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com