Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3098E Datasheet(PDF) 10 Page - Intersil Corporation

Part # CA3098E
Description  Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3098E Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CA3098E Datasheet HTML 4Page - Intersil Corporation CA3098E Datasheet HTML 5Page - Intersil Corporation CA3098E Datasheet HTML 6Page - Intersil Corporation CA3098E Datasheet HTML 7Page - Intersil Corporation CA3098E Datasheet HTML 8Page - Intersil Corporation CA3098E Datasheet HTML 9Page - Intersil Corporation CA3098E Datasheet HTML 10Page - Intersil Corporation CA3098E Datasheet HTML 11Page - Intersil Corporation CA3098E Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Typical Applications
FIGURE 28. TIME DELAY CIRCUIT: TERMINAL 3 “SINKS”
AFTER
τ SECONDS
FIGURE 29. TIME DELAY CIRCUIT: “SINK” CURRENT
INTERRUPTED AFTER
τ SECONDS
FIGURE 30. SINE WAVE TO SQUARE WAVE CONVERTER WITH DUTY CYCLE ADJUSTMENT (V1 AND V2)
FIGURE 31A. WATER LEVEL CONTROL CIRCUIT
FIGURE 31B. WATER LEVEL DIAGRAM FOR CIRCUIT
FIGURE 31. WATER LEVEL CONTROL APPLICATION
2
6
5
CA3098
7
8
1
4
12k
RL
+6V
3
60k
10k
1.2k
IL
1N914
C
10k
R
τ = RC x ln2
2
6
5
CA3098
7
8
1
4
12k
RL
+6V
3
60k
1.2k
IL
1N914
C
R
τ = RC x ln2
10k
10k
2
6
5
CA3098
7
8
4
10k
+6V
3
1k
60k
1
V1
V2
-6V
SQUARE
WAVE
OUTPUT
SINE
WAVE
INPUT
2
6
5
CA3098
7
8
1
4
10k
-6V
UPPER
THRESHOLD
ADJUST
10k
LOWER
THRESHOLD
ADJUST
10k
TH1
TH2
2k
5k
10k
120k
PUMP
MOTOR
120VAC
60Hz
T2301B
MT2
MT1
G
1k
(+)
3
3
2
1
WATER
LEVEL
TH2
TH1
NOTES:
1. Motor pump is “ON” when water level rises above thermistor TH2.
2. Motor pump remains “ON” until water level falls below thermistor TH1.
3. Thermistors, operate in self heating mode.
TANK
CA3098


Similar Part No. - CA3098E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3098E RENESAS-CA3098E Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
More results

Similar Description - CA3098E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3098 RENESAS-CA3098 Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
logo
Texas Instruments
SN74LS221J TI1-SN74LS221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
logo
Renesas Technology Corp
HD74HC221 RENESAS-HD74HC221 Datasheet
103Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com