Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3102E Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3102E
Description  Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3102E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3102E Datasheet HTML 2Page - Intersil Corporation CA3102E Datasheet HTML 3Page - Intersil Corporation CA3102E Datasheet HTML 4Page - Intersil Corporation CA3102E Datasheet HTML 5Page - Intersil Corporation CA3102E Datasheet HTML 6Page - Intersil Corporation CA3102E Datasheet HTML 7Page - Intersil Corporation CA3102E Datasheet HTML 8Page - Intersil Corporation CA3102E Datasheet HTML 9Page - Intersil Corporation CA3102E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FIGURE 10. VOLTAGE GAIN vs FREQUENCY
FIGURE 11. GAIN BANDWIDTH PRODUCT vs COLLECTOR
CURRENT
FIGURE 12. 1/f NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 13. 1/f NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 14. INPUT ADMITTANCE (Y11) vs FREQUENCY
FIGURE 15. INPUT ADMITTANCE (Y11) vs FREQUENCY
Typical Performance Curves (Continued)
40
35
30
25
20
15
10
5
0
0.01
0.1
1.0
10
100
FREQUENCY (MHz)
TA = 25
oC
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0
1
2
3
4
5
6
7
8
9
10
11 12 13
14
COLLECTOR CURRENT (mA)
TA = 25
oC
30
20
10
0
0.01
0.1
1.0
COLLECTOR CURRENT (mA)
TA = 25
oC
RSOURCE = 500Ω
f = 10Hz
f = 100Hz
f = 1kHz
f = 10kHz
f = 100kHz
30
20
10
0
0.01
0.1
1.0
COLLECTOR CURRENT (mA)
f = 10Hz
f = 100Hz
f = 1kHz
f = 10kHz
f = 100kHz
TA = 25
oC
RSOURCE = 1kΩ
2.5
2.0
1.5
1.0
0.5
0
10
102
103
FREQUENCY (MHz)
CASCODE AMPLIFIER
VCC = 12V
I3 = I9 = 2mA
TA = 25
oC
g11
b11
25
20
15
10
5
0
6
5
4
3
2
1
0
10
102
103
FREQUENCY (MHz)
b11
g11
DIFFERENTIAL AMPLIFIER
VCC = 12V
I3 = I9 = 4mA
TA = 25
oC
CA3102


Similar Part No. - CA3102E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102E INTERSIL-CA3102E Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Renesas Technology Corp
CA3102E RENESAS-CA3102E Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102E10SL4PB ITT-CA3102E10SL4PB Datasheet
205Kb / 1P
   Box mounting receptacle
CA3102E14S-2PBA232 ITT-CA3102E14S-2PBA232 Datasheet
204Kb / 1P
   Box mounting receptacle Solder Cup / Pin / Layout: 14S-2
CA3102E20-27PWF80 ITT-CA3102E20-27PWF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
More results

Similar Description - CA3102E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Intersil Corporation
CA3102 INTERSIL-CA3102_05 Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Sanyo Semicon Device
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH103 SANYO-FH103 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications
logo
Sanyo Semicon Device
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com