Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3094AE Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3094AE
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094AE Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3094AE Datasheet HTML 4Page - Intersil Corporation CA3094AE Datasheet HTML 5Page - Intersil Corporation CA3094AE Datasheet HTML 6Page - Intersil Corporation CA3094AE Datasheet HTML 7Page - Intersil Corporation CA3094AE Datasheet HTML 8Page - Intersil Corporation CA3094AE Datasheet HTML 9Page - Intersil Corporation CA3094AE Datasheet HTML 10Page - Intersil Corporation CA3094AE Datasheet HTML 11Page - Intersil Corporation CA3094AE Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3-19
FIGURE 14. FREE RUNNING PULSE GENERATOR
FIGURE 15. CURRENT OR VOLTAGE CONTROLLED OSCILLATOR
FIGURE 16. SINGLE SUPPLY ASTABLE MULTIVIBRATOR
FIGURE 17. DUAL SUPPLY ASTABLE MULTIVIBRATOR
Typical Applications (Continued)
CA3094
3
2
4
8
7
5
-
+
6
R
10k
Ω MIN
1M
Ω MAX
2.7M
C1
0.01
µF
PAPER OR
MYLAR™
5VDC
+
-
TYPE
1N914
EOUT
510
330k
2ms
120s
EOUT
LINE
NOTES:
14. R = 1M
Ω, C = 1µF.
15. Time Constant: t
≈ RC x 120.
16. Pulse Width:
ω≈ K(C1/C).
C
CA3094
2
3
5
8
7
-
+
6
47k
47k
100k
1k
20k
C
1N914
4
OUTPUT
+15V
CURRENT INPUT
VOLTAGE INPUT
OR
R
CA3094A
2
3
6
4
8
5
7
-
+
R
100k
C
30V
300k
LED
510
100k
27k
50k
27k
RP
560pF
CA3094A
2
3
6
4
8
5
7
-
+
R
100k
C
1000pF
15V
300k
1k
R1
-15V
4.3k
R2
51k
OUTPUT
fOUT ≈ 5kHz
NOTE:
If: R2 = 3.08R1,
f
OUT
1
2RC
() ln
2R
1
R
2
-----------
1
+



---------------------------------------------------
=
f
OUT
1
RC
---------
=
CA3094, CA3094A, CA3094B
Mylar™ is a trademark of E.I. Dupont de Nemours


Similar Part No. - CA3094AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094AE INTERSIL-CA3094AE Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3094AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com