Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3094BM Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3094BM
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094BM Datasheet(HTML) 5 Page - Intersil Corporation

  CA3094BM Datasheet HTML 1Page - Intersil Corporation CA3094BM Datasheet HTML 2Page - Intersil Corporation CA3094BM Datasheet HTML 3Page - Intersil Corporation CA3094BM Datasheet HTML 4Page - Intersil Corporation CA3094BM Datasheet HTML 5Page - Intersil Corporation CA3094BM Datasheet HTML 6Page - Intersil Corporation CA3094BM Datasheet HTML 7Page - Intersil Corporation CA3094BM Datasheet HTML 8Page - Intersil Corporation CA3094BM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3-16
FIGURE 4. COMMON MODE RANGE AND REJECTION RATIO TEST CIRCUIT
FIGURE 5. 1/F NOISE TEST CIRCUIT
FIGURE 6. OPEN LOOP GAIN vs FREQUENCY TEST CIRCUIT
FIGURE 7. OPEN LOOP SLEW RATE vs IABC TEST CIRCUIT
FIGURE 8. SLEW RATE vs NON-INVERTING UNITY GAIN
TEST CIRCUIT
Test Circuits (Continued)
NOTES:
9.
.
10. Input Voltage Range for CMRR = 1V to 27V.
11.
.
CMRR
100
26V
×
E
2OUT
E
1OUT
--------------------------------------------
=
CMRR (dB)
20
100
26V
×
E
2OUT
E
1OUT
--------------------------------------------
log
=
CA3094
2
3
4
1
6
8
7
EOUT
9.9k
1k
100pF
10k
10k
4.7k
30V
-
+
200
100
100
15V
VCMR
0.8V TO 27.2V
CA3094A
2
6
1
4
8
5
-15V
120
3k
CC
500
7
IABC
3.6k
RS
RS
-
+
+15V
OUTPUT
(RMS)
IABC
(
µA)
CCOMP
(pF)
50
50
50
500
500
NOTE:
RS = 1MΩ
(1/F Noise Current Test).
RS = 0Ω
(1/F Noise Voltage Test).
(NOTE)
(NOTE)
3
CA3094A
2
3
6
4
8
5
-15V
RL = 2kΩ
7
IABC
10k
-
+
+15V
OUTPUT
10
91
100
10
10k
Ω +15V
-15V
RS
RS
(
Ω)
IABC
(
µA)
56K
500
560K
50
56M
5
CA3094A
2
3
6
4
8
5
2k
7
IABC
-
+
13k
-15V
15k
+15V
2V
0V
EOUT
CA3094A
2
3
6
4
8
5
2k
7
-
+
-15V
10k
+15V
±10V
1
EOUT
220
0.001
µF
10k
56k
CA3094, CA3094A, CA3094B


Similar Part No. - CA3094BM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094BM INTERSIL-CA3094BM Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3094BM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com