Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3140AE Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3140AE
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AE Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3140AE Datasheet HTML 3Page - Intersil Corporation CA3140AE Datasheet HTML 4Page - Intersil Corporation CA3140AE Datasheet HTML 5Page - Intersil Corporation CA3140AE Datasheet HTML 6Page - Intersil Corporation CA3140AE Datasheet HTML 7Page - Intersil Corporation CA3140AE Datasheet HTML 8Page - Intersil Corporation CA3140AE Datasheet HTML 9Page - Intersil Corporation CA3140AE Datasheet HTML 10Page - Intersil Corporation CA3140AE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Bandwidth and Slew Rate
For those cases where bandwidth reduction is desired, for
example, broadband noise reduction, an external capacitor
connected between Terminals 1 and 8 can reduce the open
loop -3dB bandwidth. The slew rate will, however, also be
proportionally reduced by using this additional capacitor.
Thus, a 20% reduction in bandwidth by this technique will
also reduce the slew rate by about 20%.
Figure 5 shows the typical settling time required to reach
1mV or 10mV of the final value for various levels of large
signal inputs for the voltage follower and inverting unity gain
amplifiers. The exceptionally fast settling time characteristics
are largely due to the high combination of high gain and wide
bandwidth of the CA3140; as shown in Figure 6.
Input Circuit Considerations
As mentioned previously, the amplifier inputs can be driven
below the Terminal 4 potential, but a series current limiting
resistor is recommended to limit the maximum input terminal
current to less than 1mA to prevent damage to the input
protection circuitry.
Moreover, some current limiting resistance should be
provided between the inverting input and the output when
the CA3140 is used as a unity gain voltage follower. This
resistance prevents the possibility of extremely large input
FIGURE 4. METHODS OF UTILIZING THE VCE(SAT) SINKING CURRENT CAPABILITY OF THE CA3140 SERIES
FIGURE 5A. WAVEFORM
FIGURE 5B. TEST CIRCUITS
FIGURE 5. SETTLING TIME vs INPUT VOLTAGE
3
2
4
CA3140
7
6
LOAD
RL
RS
MT2
MT1
30V
NO LOAD
120VAC
3
2
4
CA3140
7
6
V+
+HV
LOAD
RL
SETTLING TIME (
µs)
0.1
1.0
10
SUPPLY VOLTAGE: VS = ±15V
TA = 25
oC
1mV
10mV
10mV
1mV
1mV
1mV
10mV
FOLLOWER
INVERTING
LOAD RESISTANCE (RL) = 2kΩ
LOAD CAPACITANCE (CL) = 100pF
10
8
6
4
2
0
-2
-4
-6
-8
-10
10mV
3
2
CA3140
6
SIMULATED
LOAD
4
-15V
0.1
µF
5.11k
0.1
µF
7
+15V
5k
2k
100pF
5k
INVERTING
SETTLING POINT
200
4.99k
D1
1N914
D2
1N914
2
CA3140
6
SIMULATED
LOAD
4
-15V
0.1
µF
0.1
µF
7
+15V
2k
100pF
0.05
µF
2k
3
10k
FOLLOWER
CA3140, CA3140A


Similar Part No. - CA3140AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3140AE INTERSIL-CA3140AE Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140AE RENESAS-CA3140AE Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140AEZ INTERSIL-CA3140AEZ Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140AEZ RENESAS-CA3140AEZ Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3140AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com