Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3130M Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3130M
Description  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130M Datasheet(HTML) 3 Page - Intersil Corporation

  CA3130M Datasheet HTML 1Page - Intersil Corporation CA3130M Datasheet HTML 2Page - Intersil Corporation CA3130M Datasheet HTML 3Page - Intersil Corporation CA3130M Datasheet HTML 4Page - Intersil Corporation CA3130M Datasheet HTML 5Page - Intersil Corporation CA3130M Datasheet HTML 6Page - Intersil Corporation CA3130M Datasheet HTML 7Page - Intersil Corporation CA3130M Datasheet HTML 8Page - Intersil Corporation CA3130M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Electrical Specifications
Typical Values Intended Only for Design Guidance, VSUPPLY = ±7.5V, TA = 25
oC
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
CA3130,
CA3130A
UNITS
Input Offset Voltage Adjustment Range
10k
Ω Across Terminals 4 and 5 or
4 and 1
±22
mV
Input Resistance
RI
1.5
T
Input Capacitance
CI
f = 1MHz
4.3
pF
Equivalent Input Noise Voltage
eN
BW = 0.2MHz, RS = 1MΩ
(Note 3)
23
µV
Open Loop Unity Gain Crossover Frequency
(For Unity Gain Stability
≥47pF Required.)
fT
CC = 0
15
MHz
CC = 47pF
4
MHz
Slew Rate:
SR
CC = 0
30
V/
µs
Open Loop
Closed Loop
CC = 56pF
10
V/
µs
Transient Response:
CC = 56pF,
CL = 25pF,
RL = 2kΩ
(Voltage Follower)
0.09
µs
Rise Time
tr
Overshoot
OS
10
%
Settling Time (To <0.1%, VIN = 4VP-P)tS
1.2
µs
NOTE:
3. Although a 1M
Ω source is used for this test, the equivalent input noise remains constant for values of RS up to 10MΩ.
Electrical Specifications
Typical Values Intended Only for Design Guidance, V+ = 5V, V- = 0V, TA = 25
oC
Unless Otherwise Specified (Note 4)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3130
CA3130A
UNITS
Input Offset Voltage
VIO
82
mV
Input Offset Current
IIO
0.1
0.1
pA
Input Current
II
22
pA
Common-Mode Rejection Ratio
CMRR
80
90
dB
Large-Signal Voltage Gain
AOL
VO = 4VP-P, RL = 5kΩ
100
100
kV/V
100
100
dB
Common-Mode Input Voltage Range
VICR
0 to 2.8
0 to 2.8
V
Supply Current
I+
VO = 5V, RL =
300
300
µA
VO = 2.5V, RL =
500
500
µA
Power Supply Rejection Ratio
∆VIO/∆V+
200
200
µV/V
NOTE:
4. Operation at 5V is not recommended for temperatures below 25oC.
CA3130, CA3130A


Similar Part No. - CA3130M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3130M INTERSIL-CA3130M Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130M RENESAS-CA3130M Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3130M96 INTERSIL-CA3130M96 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130M96 RENESAS-CA3130M96 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3130MZ INTERSIL-CA3130MZ Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Similar Description - CA3130M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com