Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3146AE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3146AE
Description  High-Voltage Transistor Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3146AE Datasheet(HTML) 5 Page - Intersil Corporation

  CA3146AE Datasheet HTML 1Page - Intersil Corporation CA3146AE Datasheet HTML 2Page - Intersil Corporation CA3146AE Datasheet HTML 3Page - Intersil Corporation CA3146AE Datasheet HTML 4Page - Intersil Corporation CA3146AE Datasheet HTML 5Page - Intersil Corporation CA3146AE Datasheet HTML 6Page - Intersil Corporation CA3146AE Datasheet HTML 7Page - Intersil Corporation CA3146AE Datasheet HTML 8Page - Intersil Corporation CA3146AE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FIGURE 5. VCE SAT vs IC FOR ANY TRANSISTOR
FIGURE 6. VIO vs TEMPERATURE FOR Q1 AND Q2
FIGURE 7. VBE AND VIO vs IE FOR Q1 AND Q2
FIGURE 8. IIO vs IC FOR Q1 AND Q2
Typical Performance Curves DC Characteristics - CA3146 Series (Continued)
0102030
COLLECTOR CURRENT (mA)
1.50
1.25
1.0
0.75
0.50
0.25
TA = 25
oC
hFE = 10
40
5
4
3
2
0.75
0.50
0.25
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
VCE = 5V
IE = 10mA
IE = 1mA
IE = 0.1mA
0.01
0.1
1.0
10
EMITTER CURRENT (mA)
0.8
0.7
0.6
0.5
0.4
VCE = 5V
TA = 25
oC
|VBE1 - VBE2|
0
1
2
3
10
1.0
0.1
0.01
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCE = 5V
TA = 25
oC
Typical Performance Curves Dynamic Characteristics (For Any Transistor) - CA3146 Series
FIGURE 9. NF vs IC AT RS = 500Ω
FIGURE 10. NF vs IC AT RS = 1kΩ
VCE = 5V
RS = 500Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1.0
f = 0.1kHz
f = 1kHz
f = 10kHz
VCE = 5V
RS = 1000Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1.0
f = 0.1kHz
f = 1kHz
f = 10kHz
CA3146, CA3146A, CA3183, CA3183A


Similar Part No. - CA3146AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3146AE INTERSIL-CA3146AE Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Similar Description - CA3146AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com