Electronic Components Datasheet Search |
|
AD7658-1 Datasheet(PDF) 5 Page - Analog Devices |
|
AD7658-1 Datasheet(HTML) 5 Page - Analog Devices |
5 / 32 page Data Sheet AD7656-1/AD7657-1/AD7658-1 Rev. D | Page 5 of 32 AD7657-1 VREF = 2.5 V internal/external, AVCC = 4.75 V to 5.25 V, DVCC = 4.75 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V; for the ±4 × VREF range, VDD = 10 V to 16.5 V, VSS = −10 V to −16.5 V; for the ±2 × VREF range, VDD = 5 V to 16.5 V, VSS = −5 V to −16.5 V; fSAMPLE = 250 kSPS, TA = TMIN to TMAX, unless otherwise noted. Table 2. Parameter Min Typ Max Unit Test Conditions/Comments DYNAMIC PERFORMANCE fIN = 10 kHz sine wave Signal-to-(Noise + Distortion) (SINAD)1 82.5 dB Signal-to-Noise Ratio (SNR)1 83.5 dB Total Harmonic Distortion (THD)1 −90 dB −105 dB Peak Harmonic or Spurious Noise (SFDR)1 −100 dB Intermodulation Distortion (IMD)1 fa = 10.5 kHz, fb = 9.5 kHz Second-Order Terms −109 dB Third-Order Terms −104 dB Aperture Delay 10 ns Aperture Delay Matching 4 ns Aperture Jitter 35 ps Channel-to-Channel Isolation1 −100 dB fIN on unselected channels up to 100 kHz Full-Power Bandwidth 4.5 MHz @ −3 dB 2.2 MHz @ −0.1 dB DC ACCURACY Resolution 14 Bits No Missing Codes 14 Bits Integral Nonlinearity1 ±1 LSB ±1 Positive Full-Scale Error1 ±0.95 % FSR ±0.27% FSR typical Positive Full-Scale Error Matching1 ±0.366 % FSR Bipolar Zero-Scale Error1 ±0.04 % FSR ±0.016% FSR typical Bipolar Zero-Scale Error Matching1 ±0.0427 % FSR Negative Full-Scale Error1 ±0.95 % FSR ±0.27% FSR typical Negative Full-Scale Error Matching1 ±0.366 % FSR ANALOG INPUT See Table 8 for minimum VDD/VSS for each range Input Voltage Ranges −4 × VREF +4 × VREF V RNGx bits or RANGE pin = 0 −2 × VREF +2 × VREF V RNGx bits or RANGE pin = 1 DC Leakage Current ±1 µA Input Capacitance2 10 pF ±4 × VREF range when in track 14 pF ±2 × VREF range when in track REFERENCE INPUT/OUTPUT Reference Input Voltage Range 2.5 2.5 V DC Leakage Current ±1 µA Input Capacitance2 18.5 pF REFEN/DIS = 1 Reference Output Voltage 2.49 2.51 V Long-Term Stability 150 ppm 1000 hours Reference Temperature Coefficient 25 ppm/°C 6 ppm/°C LOGIC INPUTS Input High Voltage (VINH) 0.7 × VDRIVE V Input Low Voltage (VINL) 0.3 × VDRIVE V Input Current (IIN) ±10 µA Typically 10 nA, VIN = 0 V or VDRIVE Input Capacitance (CIN)2 10 pF |
Similar Part No. - AD7658-1_15 |
|
Similar Description - AD7658-1_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |