Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7660 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7660
Description  16-Bit, 100 kSPS PulSAR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7660_15 Datasheet HTML 7Page - Analog Devices AD7660_15 Datasheet HTML 8Page - Analog Devices AD7660_15 Datasheet HTML 9Page - Analog Devices AD7660_15 Datasheet HTML 10Page - Analog Devices AD7660_15 Datasheet HTML 11Page - Analog Devices AD7660_15 Datasheet HTML 12Page - Analog Devices AD7660_15 Datasheet HTML 13Page - Analog Devices AD7660_15 Datasheet HTML 14Page - Analog Devices AD7660_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. D
AD7660
–11–
100nF
10 F
100nF
10 F
AVDD
10 F
100nF
AGND
DGND
DVDD
OVDD
OGND
CS
RD
SER/
PAR
CNVST
BUSY
SDOUT
SCLK
RESET
PD
IN
INGND
NOTE 2
U1
REFGND
CREF
NOTE 1
2.5V REF
NOTE 1
REF
100
D
NOTE 3
CLOCK
AD7660
ANALOG INPUT
(0V TO 2.5V)
C/ P/DSP
SERIAL
PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
DVDD
OB/
2C
NOTES
1. WITH THE AD780 OR THE ADR291 VOLTAGE REFERENCE, CREF IS 47 F,
SEE VOLTAGE REFERENCE INPUT SECTION.
2. THE OP184 IS RECOMMENDED.
3. OPTIONAL LOW JITTER
CNVST.
Figure 5. Typical Connection Diagram
Transfer Functions
Using the OB/
2C digital input, the AD7660 offers two output
codings: straight binary and twos complement. The LSB size is
VREF/65536, which is about 38.15
mV. The ideal transfer charac-
teristic for the AD7660 is shown in Figure 4 and Table II.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
VREF –1.5 LSB
VREF –1 LSB
1 LSB
0V
0.5 LSB
1 LSB = VREF/65536
Figure 4. ADC Ideal Transfer Function
Table II. Output Codes and Ideal Input Voltages
Digital Output Code (Hex)
Analog
Straight
Twos
Description
Input
Binary
Complement
FSR – 1 LSB
2.499962 V FFFF
1
7FFF
1
FSR – 2 LSB
2.499923 V FFFE
7FFE
Midscale + 1 LSB 1.250038 V 8001
0001
Midscale
1.25 V
8000
0000
Midscale – 1 LSB
1.249962 V 7FFF
FFFF
–FSR + 1 LSB
38
mV
0001
8001
–FSR
0 V
0000
2
8000
2
NOTES
1This is also the code for overrange analog input (V
IN – VINGND above
VREF – VREFGND).
2This is also the code for underrange analog input (V
IN below VINGND).
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7660.


Similar Part No. - AD7660_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
More results

Similar Description - AD7660_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7684 AD-AD7684_15 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR
REV. A
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
   16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_15 Datasheet
319Kb / 16P
   16-Bit, 250 kSPS PulSAR
REV. B
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7684 AD-AD7684 Datasheet
452Kb / 16P
   16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
REV. 0
AD7684BRMZ AD-AD7684BRMZ Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com