Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3228 Datasheet(PDF) 5 Page - Harris Corporation

Part # CA3228
Description  Speed Control System with Memory
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3228 Datasheet(HTML) 5 Page - Harris Corporation

  CA3228 Datasheet HTML 1Page - Harris Corporation CA3228 Datasheet HTML 2Page - Harris Corporation CA3228 Datasheet HTML 3Page - Harris Corporation CA3228 Datasheet HTML 4Page - Harris Corporation CA3228 Datasheet HTML 5Page - Harris Corporation CA3228 Datasheet HTML 6Page - Harris Corporation CA3228 Datasheet HTML 7Page - Harris Corporation CA3228 Datasheet HTML 8Page - Harris Corporation CA3228 Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
10-35
CA3228
FIGURE 2. TYPICAL AUTOMOTIVE SPEED CONTROL APPLICATION
FIGURE 3. SOLENOID DRIVERS AND SERVO VACUUM CONTROL MECHANISM TYPICAL APPLICATION
SEE FIGURE 3
SWITCH
FUNCTION
VOLTAGE AT TERM. 3
RATIO TO VCC
MIN
MAX
S1 - ON
1.12
-
S2 - RESUME
0.725
0.8
S3 - ACCEL
0.482
0.599
S4 - COAST
0.148
0.272
S5 - OFF
0
0.094
IDLE (Note 1)
0.93
0.96
NOTE: 1. All Switches Open
1M
10K
CEXT
2.2
µF
VCC
10K
2.4M
REXT
10K
VCC
VENT
VAC
GATE
+
2.2
µF
0.001
µF
0.68
µF
0.047
µF
150K
51K
10K
VCC
43K
10K
0.1
µF
RI
560
R2
10K
8.2K
0.05
µF
T.P.A.
MOMENTARY
CONTACT
DRIVER
COMMAND
SWITCHES
S1
S2
S3
S4
S5
T.P.B.
VBRAKE
ON
RESUME
SET/ACCEL
COAST
OFF
R3, 2.2K
R4,680
R5, 120
V3ON
SPEED INPUT
FREQUENCY, fS
2.22 Hz/MPH
N
S
ALL RESISTANCE VALUES ARE IN OHMS
BRAKE LIGHT
BRAKE SWITCH
S6
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CA3228E
(SEE FIGURE 2)
VALVE
SYSTEM MODE
ACCEL
CRUISE
COAST
VAC
Open
NC (Note 1)
NC
VENT
Close
Close (Note 1)
NC
NOTE:
1. Open or Closed as Required to Maintain Set Speed Error
ACCEL
CRUISE
COAST
BRAKE
REDUNDANT BRAKE
HI-SPEED DROPOUT
LO-SPEED DROPOUT
VAC (Pin 22)
H
L
L
L
L
L
L
VENT (Pin 21)
H
H
L
L
L
L
L
GATE (pin 23)
L
L
L
H
H
H
H
VCC VAC
VENT
GATE
0.22
µF
+8.2V
1.2K
1.2K
4.7K
VOLT.
REG
620
0.5W
TO
AIR
+14.4V
N.O.
N.C.
VENT
VALVE
VAC
VALVE
TO VACUUM
SOURCE
DIAPHRAGM
VENT
SOLENOID
VACUUM
SOLENOID
TO THROTTLE
POSITON
FEED BACK
(OPTIONAL
TO PIN 20)


Similar Part No. - CA3228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
logo
Renesas Technology Corp
CA3224E RENESAS-CA3224E Datasheet
366Kb / 6P
   Automatic Picture Tube Bias Control Circuit
October 2002
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E_02 Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
CA3227 INTERSIL-CA3227 Datasheet
64Kb / 7P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
May 2000
CA3227 INTERSIL-CA3227 Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
More results

Similar Description - CA3228

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC63C0316 SILAN-SC63C0316 Datasheet
288Kb / 24P
   AUDIO CONTROL SYSTEM WITH BUILTIN
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Festo Corporation.
8118457 FESTO-8118457 Datasheet
94Kb / 1P
   Control system
1/21/22
8118456 FESTO-8118456 Datasheet
98Kb / 1P
   Control system
1/21/22
8118454 FESTO-8118454 Datasheet
97Kb / 1P
   Control system
1/21/22
8118455 FESTO-8118455 Datasheet
93Kb / 1P
   Control system
1/21/22
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
   System Reset IC with Switch for Memory Backup
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031_10 Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com