Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7693 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7693
Description  Differential ADC in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 1 Page - Analog Devices

  AD7693_15 Datasheet HTML 1Page - Analog Devices AD7693_15 Datasheet HTML 2Page - Analog Devices AD7693_15 Datasheet HTML 3Page - Analog Devices AD7693_15 Datasheet HTML 4Page - Analog Devices AD7693_15 Datasheet HTML 5Page - Analog Devices AD7693_15 Datasheet HTML 6Page - Analog Devices AD7693_15 Datasheet HTML 7Page - Analog Devices AD7693_15 Datasheet HTML 8Page - Analog Devices AD7693_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
16-Bit, ±0.5 LSB, 500 kSPS PulSAR®
Differential ADC in MSOP/LFCSP
Data Sheet
AD7693
FEATURES
16-bit resolution with no missing codes
Throughput: 500 kSPS
INL/DNL: ±0.25 LSB typ, ±0.5 LSB max (±8 ppm of FSR)
Dynamic range: 96.5 dB
SINAD: 96 dB at 1 kHz
THD: −120 dB at 1 kHz
True differential analog input range: ±VREF
0 V to VREF with VREF up to VDD on both inputs
No pipeline delay
Single-supply 5 V operation with
1.8 V/2.5 V/3 V/5 V logic interface
Proprietary serial interface
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible1
Daisy-chain multiple ADCs, selectable busy indicator
Power dissipation: 40 nJ/conversion
40 µW at 5 V/1 kSPS
4 mW at 5 V/100 kSPS
18 mW at 5 V/500 kSPS
Standby current: 1 nA
10-lead package: MSOP (MSOP-8 size) and
3 mm × 3 mm LFCSP (SOT-23 size)
Pin-for-pin compatible with the 16-bit AD7687 and AD7688
and the 18-bit AD7690 and AD7691
APPLICATIONS
Battery-powered equipment
Data acquisitions
Seismic data acquisition systems
DVMs
Instrumentation
Medical instruments
1.0
–1.0
0
65536
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
16384
32768
49152
POSITIVE INL = +0.17LSB
NEGATIVE INL = –0.17LSB
Figure 1. Integral Nonlinearity vs. Code
APPLICATION DIAGRAM
AD7693
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
+1.8V TO VDD
3- OR 4-WIRE
INTERFACE
(SPI, DAISY CHAIN, CS)
+2.5V TO +5V
±10V, ±5V, ...
+5V
ADA4941-1
Figure 2.
Table 1. MSOP, LFCSP/SOT-23
14-/16-/18-Bit PulSAR ADC
Type
100
kSPS
250
kSPS
400 kSPS
to
500 kSPS
ADC
Driver
18-Bit
AD7691
AD7690
ADA4941-1
ADA4841-x
16-Bit True
Differential
AD7684
AD7687
AD7688
AD7693
ADA4941-1
ADA4841-x
16-Bit Pseudo
AD7683
AD7685
AD7686
ADA4841-x
Differential/
Unipolar
AD7680
AD7694
14-Bit
AD7940
AD7942
AD7946
ADA4841-x
GENERAL DESCRIPTION
The AD7693 is a 16-bit, successive approximation analog-to-
digital converter (ADC) that operates from a single power supply,
VDD. It contains a low power, high speed, 16-bit sampling ADC
with no missing codes, an internal conversion clock, and a
versatile serial interface port. The reference voltage, VREF, is
applied externally and can be set up to the supply voltage, VDD.
On the CNV rising edge, it samples the voltage difference
between the IN+ and IN− pins. The voltages on these pins
swing in opposite phase between 0 V and VREF about VREF/2.
Its power scales linearly with throughput.
Using the SDI input, the SPI-compatible serial interface also
features the ability to daisy-chain several ADCs on a single
3-wire bus and provides an optional busy indicator. It is compatible
with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate VIO supply.
The AD7693 is housed in a 10-lead MSOP or a 10-lead LFCSP
with operation specified from −40°C to +85°C.
1
Protected by U.S. Patent 6,703,961.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD7693_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results

Similar Description - AD7693_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942_17 Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com