Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7716 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7716
Description  22-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7716 Datasheet(HTML) 5 Page - Analog Devices

  AD7716_15 Datasheet HTML 1Page - Analog Devices AD7716_15 Datasheet HTML 2Page - Analog Devices AD7716_15 Datasheet HTML 3Page - Analog Devices AD7716_15 Datasheet HTML 4Page - Analog Devices AD7716_15 Datasheet HTML 5Page - Analog Devices AD7716_15 Datasheet HTML 6Page - Analog Devices AD7716_15 Datasheet HTML 7Page - Analog Devices AD7716_15 Datasheet HTML 8Page - Analog Devices AD7716_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
–5–
AD7716
SLAVE MODE TIMING CHARACTERISTICS1, 2 (AV
DD = DVDD = +5 V
5%; AVSS = –5 V
5%; AGND = DGND = 0 V;
fCLKIN = 8 MHz; Input Levels: Logic 0 = 0 V, Logic 1 = DVDD; unless otherwise noted)
Parameter
(B Version)
Units
Conditions/Comments
fCLKIN
3, 4
400
kHz min
CLKIN Frequency
8
MHz max
tr
5
40
ns max
Digital Output Rise Time. Typically 20 ns
tf
5
40
ns max
Digital Output Fall Time. Typically 20 ns
t23
1/fCLKIN
ns min
CASCIN Pulse Width
t24
50
ns min
SCLK Width
t25
125
ns min
SCLK Period
t26
1/fCLKIN +30
ns min
CASCIN High to RFS Setup Time
t27
30
ns min
RFS
Low to SCLK High Setup Time
t28
6
50
ns max
SCLK High to SDATA Valid Delay
t29
50
ns min
RFS
Hold Time After SCLK High
t30
7
50
ns max
SCLK High to SDATA High Impedance Delay
0
ns min
t31
60
ns max
SCLK High to CASCOUT High Delay.
t32
2/fCLKIN
ns max
CASCOUT Pulse Width
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 1 and 4.
3CLKIN duty cycle range is 40% to 60%.
4The AD7716 is production tested with f
CLKIN at 8 MHz in the slave mode. It is guaranteed by characterization to operate at 400 kHz.
5Specified using 10% and 90% points on waveform of interest.
6t
28 is measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
7t
30 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated
back to remove the effects of charging or discharging the 100 pF capacitor. This means that the time quoted in the timing characteristics is the true bus relinquish
time of the part and as such is independent of external bus loading capacitances.
Figure 4. Slave Mode Timing Diagram
t
31
CASCIN (I)
SDATA (O)
CASCOUT (O)
t
23
t
29
t
27
t
24
t
24
t
32
SCLK (I)
t
25
t
30
DB31
CH1
DB30
CH1
DB29
CH1
DB28
CH1
DB27
CH1
DB2
CH4
DB1
CH4
DB0
CH4
t
26
t
28
RFS (I)


Similar Part No. - AD7716_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7716 AD-AD7716_17 Datasheet
467Kb / 17P
   22-Bit Data Acquisition System
More results

Similar Description - AD7716_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7716 AD-AD7716_17 Datasheet
467Kb / 17P
   22-Bit Data Acquisition System
AD7716 AD-AD7716 Datasheet
430Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
AD7716BSZ AD-AD7716BSZ Datasheet
321Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
EVAL-AD7716EB AD-EVAL-AD7716EB Datasheet
633Kb / 12P
   Evaluation Board For 22-Bit Data Acquisition System
REV. B
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
   18 BIT DATA ACQUISITION SYSTEM
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD79024 AD-AD79024 Datasheet
294Kb / 7P
   LC2MOS 20-Bit Data Acquisition System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com