Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7725 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 3 Page - Analog Devices

  AD7725_15 Datasheet HTML 1Page - Analog Devices AD7725_15 Datasheet HTML 2Page - Analog Devices AD7725_15 Datasheet HTML 3Page - Analog Devices AD7725_15 Datasheet HTML 4Page - Analog Devices AD7725_15 Datasheet HTML 5Page - Analog Devices AD7725_15 Datasheet HTML 6Page - Analog Devices AD7725_15 Datasheet HTML 7Page - Analog Devices AD7725_15 Datasheet HTML 8Page - Analog Devices AD7725_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. A
AD7725
–3–
B Version
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ALL LOGIC INPUTS
I
IN, Input Current
V
IN = 0 V to DVDD
±10
µA
C
IN, Input Capacitance
10
pF
LOGIC OUTPUTS
V
OH, Output High Voltage
|I
OUT| = 200
µA
4.0
V
V
OL, Output Low Voltage
|I
OUT| = 1.6 mA
0.4
V
POWER SUPPLIES
10
AV
DD
4.75
5.25
V
AI
DD
11
HALF_PWR = Logic High
12
28
33
mA
DV
DD
4.75
5.25
V
DI
DD
13
With the Filter in Figure 1
84
90
mA
Power Consumption
14
Standby Mode
30
mW
NOTES
1Operating temperature range is as follows: B Version: –40
°C to +85°C.
2f
CLKIN is the CLKIN frequency.
3See Terminology section.
4F
O = output data rate.
5When using the internal reference, THD and SFDR specifications apply only to input signals above 10 kHz with a 10
µF decoupling capacitor between REF2 and
AGND2. At frequencies below 10 kHz, THD degrades to –80 dB and SFDR degrades to –83 dB.
6See Figures 23 and 24 for information regarding the number of filter taps allowed and the current consumption as the CLKIN frequency is varied.
7The AD7725 can operate with an external reference input in the range of 1.2 V to 3.15 V.
8Guaranteed by the design.
9Gain Error excludes reference error.
10All I
DD tests are done with the digital inputs equal to 0 V or DV DD.
11Analog current does not vary as the CLKIN frequency and the number of filter taps used in the postprocessor is varied.
12If HALF_PWR is logic low, AI
DD will typically double.
13Digital current varies as the CLKIN frequency and the number of filter taps used in the postprocessor is varied. See Figures 23 and 24.
14Digital inputs static and equal to 0 V or DV
DD.
Specifications subject to change without notice.
CUTOFF FREQUENCY = 50kHz
STOP-BAND FREQUENCY = 116kHz
NUMBER OF FILTER TAPS USED IN
THE POSTPROCESSOR = 108
OUPUT DATA RATE = CLKIN/16
FREQUENCY – kHz
0
–140
0
300
50
100
150
200
250
–20
–40
–60
–100
–120
–80
116
Figure 1. Digital Filter Characteristics Used for Specifications


Similar Part No. - AD7725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7725BS AD-AD7725BS Datasheet
442Kb / 28P
   16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
More results

Similar Description - AD7725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7725 AD-AD7725 Datasheet
442Kb / 28P
   16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Analog Devices
AD7612 AD-AD7612 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7610 AD-AD7610 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com