Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2S8-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # TM2S8-C
Description  PHYSICAL INFRASTRUCTURE SYSTEMS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TM2S8-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  TM2S8-C Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
Cable Tie Mounts
• Unique cradle design provides maximum
stability for the cable bundle
• Low profile design keeps bundle close to
mounting surface
• Material: Nylon 6.6 or as specified below
*Material: Weather Resistant Nylon 6.6
**Material: Heat Stabilized Nylon 6.6
Cable Tie Cross Sections: M = Miniature, I = Intermediate, S = Standard, LH = Light-Heavy.
Extra-Heavy Cable Tie Mounts
• Unique cradle design provides maximum stability for
cable bundle
• Route and support large diameter and heavy
cable bundles
• Dimensions are 1.62"L x 0.72"W x .61"H
(41.4mm x 18.8mm x 15.5mm)*
• Weather resistant material for indoor/outdoor use
All product color is black.
*Polypropylene parts (TMEH-S10-C100, TMEH-S10-C109 have an overall length of 1.65" (41.9mm).
Cable Tie Cross Sections: I = Intermediate, S = Standard, H = Heavy, EH = Extra Heavy.
Part Number
Used With
Cable Ties
Length
Width
Height
Color
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
TM1S4-C
M
.51
13.0
.32
8.0
.23
5.8
Natural
#4 (M2.5) screw
100
500
TM1S4-C0*
M
Black
100
500
TM1S6-C
M
Natural
#6 (M3) screw
100
500
TM1S6-C0*
M
Black
100
500
TM2S6-C
M, I, S
.63
16.0
.43
10.8
.28
7.0
Natural
100
500
TM2S6-C0*
M, I, S
Black
100
500
TM2S8-C
M, I, S
Natural
#8 (M4) screw
100
500
TM2S8-C0*
M, I, S
Black
100
500
TM3S8-C
M, I, S, LH
.86
21.9
.61
15.5
.37
9.4
Natural
100
500
TM3S8-C0*
M, I, S, LH
Black
100
500
TM3S10-C
M, I, S, LH
Natural
#10 (M5) screw
100
500
TM3S10-C0*
M, I, S, LH
Black
100
500
TM3S2510-C30**
M, I, S, LH
.87
22.2
.62
15.7
.38
9.6
Black
100
500
TM3S2510-C39**
M, I, S, LH
.87
22.2
.62
15.7
.38
9.6
Natural
100
500
TM3S25-C
M, I, S, LH
.88
22.3
.63
16.0
.38
9.6
Natural
1/4 (M6) screw
100
500
TM3S25-C0*
M, I, S, LH
.88
22.3
.63
16.0
.38
9.6
Black
100
500
Part Number
Used With
Cable Ties
Material
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
TMEH-S8-Q0
I, S, H, EH
Weather Resistant Nylon 6.6
#8 (M4) Screw
25
250
TMEH-S10-Q0
#10 (M5) Screw
25
250
TMEH-S10-C100
Weather Resistant Polypropylene #10 (M5) Screw
100
500
TMEH-S10-C109
Polypropylene
#10 (M5) Screw
100
500
TMEH-S25-Q0
Weather Resistant Nylon 6.6
1/4" (M6) Screw
25
250


Similar Part No. - TM2S8-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
TM2S8-C PANDUIT-TM2S8-C Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
More results

Similar Description - TM2S8-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S100X400VADY PANDUIT-S100X400VADY Datasheet
138Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
CDE1 PANDUIT-CDE1 Datasheet
114Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P2-38R-X PANDUIT-P2-38R-X Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
GPB24-X PANDUIT-GPB24-X Datasheet
352Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
S100X225VA1Y PANDUIT-S100X225VA1Y Datasheet
138Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
logo
EPCOS
B39331B3807U310 EPCOS-B39331B3807U310 Datasheet
55Kb / 7P
   SAW filters for infrastructure systems
logo
TDK Electronics
B39931B4018Z810 TDK-B39931B4018Z810 Datasheet
97Kb / 6P
   SAW filters for infrastructure systems
B39171B3883Z710 TDK-B39171B3883Z710 Datasheet
157Kb / 6P
   SAW filters for infrastructure systems
B39171B3882Z710 TDK-B39171B3882Z710 Datasheet
158Kb / 6P
   SAW filters for infrastructure systems
logo
Advanced Micro Devices
AM79865 AMD-AM79865 Datasheet
805Kb / 17P
   PHYSICAL DATA TRANSMITTER/PHYSICAL DATA RECEIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com