Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3277E Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3277E
Description  Dual 5V Regulator with Serial Data Buffer Interface for Microcontroller Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3277E Datasheet(HTML) 3 Page - Intersil Corporation

  CA3277E Datasheet HTML 1Page - Intersil Corporation CA3277E Datasheet HTML 2Page - Intersil Corporation CA3277E Datasheet HTML 3Page - Intersil Corporation CA3277E Datasheet HTML 4Page - Intersil Corporation CA3277E Datasheet HTML 5Page - Intersil Corporation CA3277E Datasheet HTML 6Page - Intersil Corporation CA3277E Datasheet HTML 7Page - Intersil Corporation CA3277E Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7-41
Specifications CA3277
DATA COMPARATOR
Data Comp Thd
VBATT
- 3.6
VBATT
-2.9
VBATT
-2.2
V
Data Comp Hysteresis
-
200
-
mV
DATA OUT Low
VOL
VBATT = 16V, VDATA IN = (VBATT -5V)
-
-
0.15
V
DATA OUT High
VOH
VBATT = 16V, VDATA IN = 16V
VOUT1
-0.15
-
5.25
V
DATA OUT Low Sink Current
IOL
VDATA IN Low
-
1
-
mA
DATA OUT High Source Current
IOH
VDATA IN High
-
-50
-
µA
IGNITION COMPARATOR
Ign Comp Thd
5.5
6
6.5
V
Ign Comp Hysteresis
-
200
-
mV
IGN OUT Low
VOL
-
-
0.15
V
IGN OUT High
VOH
4.6
5.25
V
IGN OUT Low Sink Current
IOL
VIGN IN Low
-
1
-
mA
IGN OUT High Source Current
IOH
VIGN IN High
-
-70
-
µA
OTHER PARAMETERS
Idle Current
IQ
VBATT = 12.6V, No Loads, VEN = VIGN IN = 0V
-
500
800
µA
Over-Voltage Shutdown
VBATT(OVSD)
Ramp VBATT Up Until OUT1 and OUT2 Shut-
down
19
20.5
23
V
Thermal Shutdown
TJ
-
150
-
oC
Ripple Rejection
1VPP at 3kHz on BATT INPUT, Measure AC
Ripple on OUT1, OUT2
45
55
-
dB
NOTES:
1. For negative voltages on the BATT and IGN IN inputs, current drain is primarily reverse junction leakage, except when DATA IN, CUR
OUT, ENABLE and RESET are directly connected to BATT. (Note 2)
2. For negative voltage DATA IN, CUR OUT, ENABLE and RESET interface to NPN or equivalent on-chip structures; providing a forward
junction for current conduction into the IC. Negative current must be limited by the impedance of the external connection. This is also the
case where these terminals are interconnected to BATT, Normal application does not require the BATT connection, except for DATA IN
where a series diode for reverse current blocking may be used. (see Description text information)
3. Refer to the Electrical Characteristic TABLE for all Self-Limiting values.
4. Dissipation, approximately equals: PD [(VINIIN) + (VCUR OUTICUR OUT) - 5(IOUT1+IOUT2)], where IINVIN is IGN IN and BATT input dissi-
pation and VOUT1~VOUT2~5V. This assumes neglibible dissipation for the Ignition Comp., Reset and Data Comp. Outputs.
5. Dropout Voltage is VDO1 = (VBATT -VOUT1) for REG. OUT1 and VDO2 = (VBATT -VOUT2) for REG. OUT2
6. Reset Delay Time, tRST is the time period that the RESET (Pin 8) is low following the discharge of the CRST capacitor to ground. For test
evaluation, the CRST pin may be discharged repetitively with a transistor switch. The RESET pin switches from low to high when the
CRST pin is charged to approximately 3V. Normal ATE testing measures the source charging current. which is typically 10
µA. For any
other value of Capacitor the charge time, t for reset is determined as follows: t
~308C, where C is in
µF and t is in milliseconds.
(i.e. C = 0.47
µF, t = 141ms)
Electrical Specifications TA = -40oC to +85oC, VBATT = 13.5V, ENABLE ON (VEN = 3.5V), IGN IN connected to BATT, OUT1 and
OUT2 bypassed with 20
µF to GND, DATA IN connected through 250Ω to BATT, LOADS: OUT1 = 50mA,
OUT2 = 80mA; Unless Otherwise Specified (Refer to Figure 4 Test Circuit) (Continued)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - CA3277E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3272 INTERSIL-CA3272 Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AM INTERSIL-CA3272AM Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AQ INTERSIL-CA3272AQ Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
More results

Similar Description - CA3277E

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
TA14832 HARRIS-TA14832 Datasheet
82Kb / 3P
   DUAL 5V REGULATOR WITH LOGIC CONTROLLED STARUP FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
   DUAL 5V REGULATOR WITH RESET
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
   DUAL 5V REGULATOR WITH RESET
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
National Semiconductor ...
LP2957 NSC-LP2957 Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
logo
ATMEL Corporation
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
   microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
logo
WAGO Kontakttechnik Gmb...
750-654 WAGO-750-654 Datasheet
476Kb / 12P
   Serial Data Exchange Interface
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com