Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3280AF3 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3280AF3
Description  Dual, 9MHz, Operational Transconductance Amplifier (OTA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3280AF3 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3280AF3 Datasheet HTML 2Page - Intersil Corporation CA3280AF3 Datasheet HTML 3Page - Intersil Corporation CA3280AF3 Datasheet HTML 4Page - Intersil Corporation CA3280AF3 Datasheet HTML 5Page - Intersil Corporation CA3280AF3 Datasheet HTML 6Page - Intersil Corporation CA3280AF3 Datasheet HTML 7Page - Intersil Corporation CA3280AF3 Datasheet HTML 8Page - Intersil Corporation CA3280AF3 Datasheet HTML 9Page - Intersil Corporation CA3280AF3 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Typical Performance Curves
FIGURE 11. AMPLIFIER GAIN vs FREQUENCY
FIGURE 12. SUPPLY CURRENT vs DIODE CURRENT
FIGURE 13. INPUT OFFSET CURRENT vs AMPLIFIER BIAS
CURRENT
FIGURE 14. INPUT OFFSET VOLTAGE vs AMPLIFIER BIAS
CURRENT
FIGURE 15. PEAK OUTPUT VOLTAGE vs AMPLIFIER BIAS
CURRENT
FIGURE 16. INPUT CURRENT vs INPUT DIFFERENTIAL
VOLTAGE
105
101
1
0.1
101
102
FREQUENCY (Hz)
104
103
102
103
104
105
106
107
108
109
IABC = 3mA
IABC = 300µA
IABC = 30µA
IABC = 3.0µA
IABC = 0.3µA
IABC = 0.03µA
TA = 25
oC
101
1
10-1
10-2
10-1
1
101
102
103
DIODE CURRENT (
µA)
TA = 25
oC
VS = ±15V
102
101
1
1
101
102
103
103
AMPLIFIER BIAS CURRENT (
µA)
VS = ±15V
TA = -55
oC
TA = 25
oC
TA = 125
oC
TA = 125
oC
TA = 125
oC
TA = 25
oC
TA = -55
oC
2
1
0
-1
-2
-3
-4
-5
1
101
102
103
AMPLIFIER BIAS CURRENT (
µA)
16
15
14
13
0
-13
-14
-15
-16
1
101
102
103
TA = 125
oC
TA = 25
oC
TA = -55
oC
TA = 125
oC
TA = 25
oC
TA = -55
oC
AMPLIFIER BIAS CURRENT (
µA)
VS = ±15V
106
105
104
103
102
101
1
0123456789
10
DIFFERENTIAL INPUT VOLTAGE (V)
TA = 125
oC
TA = 25
oC
CA3280, CA3280A


Similar Part No. - CA3280AF3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
CA3280AE INTERSIL-CA3280AE Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280AE RENESAS-CA3280AE Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3280AF3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com