Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3318CE Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3318CE Datasheet HTML 3Page - Intersil Corporation CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation CA3318CE Datasheet HTML 10Page - Intersil Corporation CA3318CE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4-15
Theory of Operation
A sequential parallel technique is used by the CA3318
converter to obtain its high speed operation. The sequence
consists of the “Auto-Balance” phase,
φ1, and the “Sample
Unknown” phase,
φ2. (Refer to the circuit diagram.) Each
conversion takes one clock cycle (see Note). With the phase
control (pin 19) high, the “Auto-Balance” (
φ1) occurs during
the high period of the clock cycle, and the “Sample Unknown”
(
φ2) occurs during the low period of the clock cycle.
NOTE: The device requires only a single phase clock The terminology
of
φ1 and φ2 refers to the high and low periods of the same clock.
During the “Auto-Balance” phase, a transmission switch is
used to connect each of the first set of 256 commutating
capacitors to their associated ladder reference tap. Those
tap voltages will be as follows:
VTAP (N) = [(N/256) VREF] - (1/512) VREF]
= [(2N - 1)/512] VREF,
Where:
VTAP (n) = reference ladder tap voltage at point n,
VREF
= voltage across VREF- to VREF+,
N
= tap number (1 through 256).
The other side of these capacitors are connected to single-
stage amplifiers whose outputs are shorted to their inputs by
switches. This balances the amplifiers at their intrinsic trip
points, which is approximately (VAA+ - VAA-)/2. The first set
of capacitors now charges to their associated tap voltages.
FIGURE 10. ENOB vs INPUT FREQUENCY
Typical Performance Curves (Continued)
fI (MHz)
8.0
5.0
7.6
7.2
6.8
6.4
6.0
5.6
5.2
4.8
4.4
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
fS = 15MHz
Pin Descriptions
PIN
NAME
DESCRIPTION
1
B1
Bit 1 (LSB)
Output Data Bits
(High = True)
2
B2
Bit 2
3
B3
Bit 3
4
B4
Bit 4
5
B5
Bit 5
6
B6
Bit 6
7
B7
Bit 7
8
B8
Bit 8 (MSB)
9
OF
Overflow
10
1/
4 R
Reference Ladder 1/4 Point
11
VSS
Digital Ground
12
VDD
Digital Power Supply, +5V
13
CE2
Three-State Output Enable Input,
Active Low, See Truth Table.
14
CE1
Three-State Output Enable Input
Active High. See Truth Table.
15
VREF-
Reference Voltage Negative Input
16
VIN
Analog Signal Input
17
VAA-
Analog Ground
18
CLK
Clock Input
19
PHASE
Sample clock phase control input.
When PHASE is low, “Sample
Unknown” occurs when the clock is
low and “Auto Balance” occurs when
the clock is high (see text).
20
1/
2 R
Reference Ladder Midpoint
21
VIN
Analog Signal Input
22
VREF+
Reference Voltage Positive Input
23
3/
4 R
Reference Ladder 3/4 Point
24
VAA+
Analog Power Supply, +5V
CHIP ENABLE TRUTH TABLE
CE1
CE2
B1 - B8
OF
0
1
Valid
Valid
1
1
Three-State
Valid
X
0
Three-State
Three-State
X = Don’t Care
CA3318


Similar Part No. - CA3318CE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318CE INTERSIL-CA3318CE Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
More results

Similar Description - CA3318CE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Hitachi Semiconductor
HA19510 HITACHI-HA19510 Datasheet
286Kb / 7P
   HIGH- SPEED, LOW-POWER 8-BIT FLASH D/A CONVERTER
HA19211BP HITACHI-HA19211BP Datasheet
375Kb / 11P
   HIGH SPEED LOW POWER 8 BIT A/D FLASH CONVERTER
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com