Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC337-25 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC337-25
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC337-25 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC337-25 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC337-25 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIP Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BC337 (KC337)
Classification of hfe(1)
Type
BC337
BC337-16
BC337-25
BC337-25
Range
100-600
100-250
160-400
250-600
Typical Characterisitics
Fig.1 DC current gain; typical values.
BC337-16.
0
20
40
80
120
160
10−1
1
hFE
10
IC (mA)
102
103
VCE = 1 V
Fig.2 DC current gain; typical values.
BC337-25.
0
500
100
200
300
400
10−1
1
hFE
10
IC (mA)
102
103
VCE = 1 V
Fig.3 DC current gain; typical values.
BC337-40.
0
500
100
200
300
400
10−1
1
hFE
10
IC (mA)
102
103
VCE = 1 V


Similar Part No. - BC337-25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337-25 MOTOROLA-BC337-25 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Micro Commercial Compon...
BC337-25 MCC-BC337-25 Datasheet
240Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC337-25 PHILIPS-BC337-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
SHENZHEN YONGERJIA INDU...
BC337-25 WINNERJOIN-BC337-25 Datasheet
128Kb / 1P
   TRANSISTOR (NPN)
logo
Siemens Semiconductor G...
BC337-25 SIEMENS-BC337-25 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results

Similar Description - BC337-25

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com