Electronic Components Datasheet Search |
|
BC807W-16 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
BC807W-16 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
1 / 2 page SMD Type www.kexin.com.cn 1 Transistors PNP Transistors BC807W (KC807W) ■ Features ● Ldeally suited for automatic insertion ● Epitaxial planar die construction ● Complementary to BC817W 1.Base 2.Emitter 3.collector ■ Absolute Maximum Ratings Ta = 25℃ Parameter Symbol Rating Unit Collector - Base Voltage VCBO -50 Collector - Emitter Voltage VCEO -45 Emitter - Base Voltage VEBO -5 Collector Current - Continuous IC -0.5 A Collector Power Dissipation PC 0.2 W Thermal Resistance from Junction to Ambient RθJA 625 ℃ /W Junction Temperature TJ 150 Storage Temperature range Tstg -55 to 150 V ℃ ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Collector- base breakdown voltage VCBO Ic= -100 μA, IE=0 -50 Collector- emitter breakdown voltage VCEO Ic= -10 mA, IB=0 -45 Emitter - base breakdown voltage VEBO IE= -100μA, IC=0 -5 Collector-base cut-off current ICBO VCB= -50 V , IE=0 -0.1 Collector- emittercut-off current ICEO VCE= -20 V , IE=0 -0.2 Emitter cut-off current IEBO VEB= -5V , IC=0 -0.1 Collector-emitter saturation voltage VCE(sat) IC=-500 mA, IB=-50mA -0.7 Base - emitter saturation voltage VBE(sat) IC= -500 mA, IB=- 50mA -1.2 hFE(1) VCE= -1V, IC= -100mA 100 600 hFE(2) VCE=- 1V, IC= -500mA 40 Collector output capacitance Cob VCB= -10V,f=1MHz 10 pF Transition frequency fT VCE= -5V, IC= -10mA,f=100MHz 80 MHz DC current gain V V uA ■ Classification of hfe(1) Type BC807W-16 BC807W-25 BC807W-40 Range 100-250 160-400 250-600 Marking 5A 5B 5C |
Similar Part No. - BC807W-16 |
|
Similar Description - BC807W-16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |