Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3420A Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3420A
Description  0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3420A Datasheet(HTML) 1 Page - Intersil Corporation

  CA3420A Datasheet HTML 1Page - Intersil Corporation CA3420A Datasheet HTML 2Page - Intersil Corporation CA3420A Datasheet HTML 3Page - Intersil Corporation CA3420A Datasheet HTML 4Page - Intersil Corporation CA3420A Datasheet HTML 5Page - Intersil Corporation CA3420A Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TM
File Number
1320.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
CA3420, CA3420A
0.5MHz, Low Supply Voltage, Low Input
Current BiMOS Operational Amplifiers
The CA3420A and CA3420 are integrated circuit operational
amplifiers that combine PMOS transistors and bipolar
transistors on a single monolithic chip. The CA3420A and
CA3420 BiMOS operational amplifiers feature gate
protected PMOS transistors in the input circuit to provide
very high input impedance, very low input currents (less than
1pA). The internal bootstrapping network features a unique
guardbanding technique for reducing the doubling of leakage
current for every 10oC increase in temperature. The CA3420
series operates at total supply voltages from 2V to 20V
either single or dual supply. These operational amplifiers are
internally phase compensated to achieve stable operation in
the unity gain follower configuration. Additionally, they have
access terminals for a supplementary external capacitor if
additional frequency roll-off is desired. Terminals are also
provided for use in applications requiring input offset voltage
nulling. The use of PMOS in the input stage results in
common mode input voltage capability down to 0.45V below
the negative supply terminal, an important attribute for single
supply application. The output stage uses a feedback OTA
type amplifier that can swing essentially from rail-to-rail. The
output driving current of 1.5mA (Min) is provided by using
nonlinear current mirrors.
Features
• 2V Supply at 300
µA Supply Current
• 1pA Input Current (Typ) (Essentially Constant to 85oC)
• Rail-to-Rail Output Swing (Drive
±2mA into 1kΩ Load)
• Pin Compatible with 741 Operational Amplifiers
Applications
• pH Probe Amplifiers
• Picoammeters
• Electrometer (High Z) Instruments
• Portable Equipment
• Inaccessible Field Equipment
• Battery-Dependent Equipment (Medical and Military)
Functional Diagram
Pinouts
CA3420 (PDIP)
TOP VIEW
CA3420 (METAL CAN)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3420AT
-55 to 125
8 Pin Metal Can
T8.C
CA3420E
-55 to 125
8 Ld PDIP
E8.3
MOS
BIPOLAR
X1
X1
MOS
BIPOLAR
OTA BUFFER
(X2)
HIGH GAIN
(50K)
BUFFER AMPS;
BOOTSTRAPPED
INPUT PROTECTION
NETWORK
-
+
1
2
3
4
8
7
6
5
+
V+
OFFSET NULL
INV.
INPUT
V-
NON-INV.
INPUT
STROBE
OUTPUT
OFFSET NULL
-
OUTPUT
OFFSET NULL
4
6
1
3
7
5
8
+
STROBE
V+
V-
NON-INV.
INPUT
INV.
INPUT
TAB
OFFSET NULL
2
-
Data Sheet
April 2000


Similar Part No. - CA3420A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3420 INTERSIL-CA3420 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420E INTERSIL-CA3420E Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Renesas Technology Corp
CA3420E RENESAS-CA3420E Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420EZ INTERSIL-CA3420EZ Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
More results

Similar Description - CA3420A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A Datasheet
192Kb / 8P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A_05 Datasheet
213Kb / 7P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420 INTERSIL-CA3420_05 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Analog Devices
PM208 AD-PM208_15 Datasheet
1Mb / 4P
   LOW INPUT CURRENT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com